Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3342 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3342
Description  Ultralow, IQ, anyCAP Low Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3342 Datasheet(HTML) 1 Page - Analog Devices

  ADP3342 Datasheet HTML 1Page - Analog Devices ADP3342 Datasheet HTML 2Page - Analog Devices ADP3342 Datasheet HTML 3Page - Analog Devices ADP3342 Datasheet HTML 4Page - Analog Devices ADP3342 Datasheet HTML 5Page - Analog Devices ADP3342 Datasheet HTML 6Page - Analog Devices ADP3342 Datasheet HTML 7Page - Analog Devices ADP3342 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADP3342
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Ultralow, IQ, anyCAP
®
Low Dropout Regulator
FEATURES
Accuracy Over Line and Load:
4.0% @ 25 C,
5% Over Temperature
Ultralow Dropout Voltage: 300 mV (Typ) @ 300 mA
Requires Only CO = 1.0
F for Stability
anyCAP = Stable with any Type of Capacitor
(including MLCC)
Current and Thermal Limiting
Low Shutdown Current: < 2
A
1.7 V
VIN
6 V
2.8 V
VCC
6 V
VOUT = 1.2 V
5%
–40 C to +100 C Ambient Temperature Range
Ultrasmall Thermally Enhanced 8-Lead MSOP Package
APPLICATIONS
Notebook PCs
Desktop PCs
GENERAL DESCRIPTION
The ADP3342 is a unique member of the ADP330x family of
precision low dropout anyCAP voltage regulators. The ADP3342
operates with an input voltage range of 1.7 V to 6 V and delivers
a continuous load current up to 300 mA. In order to support the
ability to regulate from such a low input voltage, the power rail
to the IC, VCC, has been split off from the main power rail, VIN,
from which the output is powered.
The ADP3342 stands out from the conventional LDOs with the
lowest thermal resistance of any MSOP-8 package and an enhanced
process that enables it to offer performance advantages beyond
its competition. Its patented design requires only a 1.0
µF output
capacitor for stability. This device is insensitive to output capacitor
Equivalent Series Resistance (ESR), and is stable with any good
quality capacitor, including ceramic (MLCC) types for space-
restricted applications. The dropout voltage of the ADP3342 is
only 190 mV (typical) at 300 mA. This device also includes a
safety current limit, thermal overload protection and a shutdown
control pin.
FUNCTIONAL BLOCK DIAGRAM
THERMAL
PROTECTION
CC
IN
ADP3342
OUT
GND
Q1
gm
BANDGAP +
REF –
DRIVER
VCC
PWRGD
SD
+
VCC
IN
IN
SD
OUT
OUT
PWRGD
GND
ADP3342
+
ON
OFF
1 F
VIN
1.8V
1 F
VOUT
1.2V
3.3V
Figure 1. Typical Application Circuit
anyCAP is a registered trademark of Analog Devices, Inc.


Similar Part No. - ADP3342

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3300 AD-ADP3300 Datasheet
129Kb / 8P
High Accuracy anyCAP 50 mA Low Dropout Linear Regulator
REV.A
ADP3300 AD-ADP3300 Datasheet
125Kb / 8P
High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV.0
ADP3300 AD-ADP3300 Datasheet
125Kb / 8P
High Accuracy anyCAP??200 mA Low Dropout Linear Regulator
REV.A
ADP3300 AD-ADP3300 Datasheet
135Kb / 8P
High Accuracy anyCAP??Adjustable 200 mA Low Dropout Linear Regulator
REV.A
ADP3300 AD-ADP3300 Datasheet
382Kb / 9P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
More results

Similar Description - ADP3342

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV.0
ADP3338 AD-ADP3338 Datasheet
144Kb / 8P
High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator
REV.0
ADP3339 AD-ADP3339 Datasheet
209Kb / 8P
High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV.0
ADP3339AKCZ-5-R7 AD-ADP3339AKCZ-5-R7 Datasheet
252Kb / 12P
High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3339AKC-2.5 AD-ADP3339AKC-2.5 Datasheet
252Kb / 12P
High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3339AKC-33-RL7 AD-ADP3339AKC-33-RL7 Datasheet
252Kb / 12P
High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator
REV. C
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com