Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP2185 Datasheet(PDF) 11 Page - Analog Devices

Part # ADSP2185
Description  DSP Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP2185 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADSP2185 Datasheet HTML 7Page - Analog Devices ADSP2185 Datasheet HTML 8Page - Analog Devices ADSP2185 Datasheet HTML 9Page - Analog Devices ADSP2185 Datasheet HTML 10Page - Analog Devices ADSP2185 Datasheet HTML 11Page - Analog Devices ADSP2185 Datasheet HTML 12Page - Analog Devices ADSP2185 Datasheet HTML 13Page - Analog Devices ADSP2185 Datasheet HTML 14Page - Analog Devices ADSP2185 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
ADSP-2185
–11–
REV. 0
BIASED ROUNDING
A mode is available on the ADSP-2185 to allow biased round-
ing in addition to the normal unbiased rounding. When the
BIASRND bit is set to 0, the normal unbiased rounding opera-
tions occur. When the BIASRND bit is set to 1, biased round-
ing occurs instead of the normal unbiased rounding. When
operating in biased rounding mode all rounding operations with
MR0 set to 0x8000 will round up, rather than only rounding up
odd MR1 values.
For example:
Table VII.
MR Value
Biased
Unbiased
Before RND
RND Result
RND Result
00-0000-8000
00-0001-8000
00-0000-8000
00-0001-8000
00-0002-8000
00-0002-8000
00-0000-8001
00-0001-8001
00-0001-8001
00-0001-8001
00-0002-8001
00-0002-8001
00-0000-7FFF
00-0000-7FFF
00-0000-7FFF
00-0001-7FFF
00-0001-7FFF
00-0001-7FFF
This mode only has an effect when the MR0 register contains
0x8000; all other rounding operations work normally. This
mode allows more efficient implementation of bit-specified
algorithms that use biased rounding, for example the GSM
speech compression routines. Unbiased rounding is preferred
for most algorithms.
Note: BIASRND bit is Bit 12 of the SPORT0 Autobuffer Con-
trol register.
Instruction Set Description
The ADSP-2185 assembly language instruction set has an alge-
braic syntax that was designed for ease of coding and readabil-
ity. The assembly language, which takes full advantage of the
processor’s unique architecture, offers the following benefits:
• The algebraic syntax eliminates the need to remember cryptic
assembler mnemonics. For example, a typical arithmetic add
instruction, such as AR = AX0 + AY0, resembles a simple
equation.
• Every instruction assembles into a single, 24-bit word that
can execute in a single instruction cycle.
• The syntax is a superset ADSP-2100 Family assembly lan-
guage and is completely source and object code compatible
with other family members. Programs may need to be relo-
cated to use on-chip memory and conform to the ADSP-
2185’s interrupt vector and reset vector map.
• Sixteen condition codes are available. For conditional jump,
call, return or arithmetic instructions, the condition can be
checked and the operation executed in the same instruction
cycle.
• Multifunction instructions allow parallel execution of an
arithmetic instruction with up to two fetches or one write to
processor memory space during a single instruction cycle.
I/O Space Instructions
The instructions used to access the ADSP-2185’s I/O memory
space are as follows:
Syntax: IO(addr) = dreg
dreg = IO(addr);
where addr is an address value between 0 and 2047 and dreg is
any of the 16 data registers.
Examples: IO(23) = AR0;
AR1 = IO(17);
Description:
The I/O space read and write instructions move
data between the data registers and the I/O
memory space.
DESIGNING AN EZ-ICE
®*-COMPATIBLE SYSTEM
The ADSP-2185 has on-chip emulation support and an
ICE-Port™*, a special set of pins that interface to the EZ-ICE
®*.
These features allow in-circuit emulation without replacing the
target system processor by using only a 14-pin connection from
the target system to the EZ-ICE
®*. Target systems must have a
14-pin connector to accept the EZ-ICE
®*’s in-circuit probe, a
14-pin plug. See the ADSP-2100 Family EZ-Tools data sheet for
complete information on ICE products.
The ICE-Port™* interface consists of the following ADSP-2185
pins:
EBR
EBG
ERESET
EMS
EINT
ECLK
ELIN
ELOUT
EE
These ADSP-2185 pins must be connected only to the EZ-ICE
®*
connector in the target system. These pins have no function
except during emulation, and do not require pull-up or pull-down
resistors. The traces for these signals between the ADSP-2185
and the connector must be kept as short as possible, no longer
than three inches.
The following pins are also used by the EZ-ICE
®*:
BR
BG
RESET
GND
The EZ-ICE
®* uses the EE (emulator enable) signal to take
control of the ADSP-2185 in the target system. This causes the
processor to use its
ERESET, EBR and EBG pins instead of the
RESET, BR and BG pins. The BG output is three-stated.
These signals do not need to be jumper-isolated in your system.
The EZ-ICE
®* connects to your target system via a ribbon cable
and a 14-pin female plug. The female plug is plugged onto the
14-pin connector (a pin strip header) on the target board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com