Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP2185 Datasheet(PDF) 30 Page - Analog Devices

Part # ADSP2185
Description  DSP Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP2185 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADSP2185 Datasheet HTML 24Page - Analog Devices ADSP2185 Datasheet HTML 25Page - Analog Devices ADSP2185 Datasheet HTML 26Page - Analog Devices ADSP2185 Datasheet HTML 27Page - Analog Devices ADSP2185 Datasheet HTML 28Page - Analog Devices ADSP2185 Datasheet HTML 29Page - Analog Devices ADSP2185 Datasheet HTML 30Page - Analog Devices ADSP2185 Datasheet HTML 31Page - Analog Devices ADSP2185 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
ADSP-2185
REV. 0
–30–
OUTLINE DIMENSIONS
Dimensions shown in inches and millimeters.
100-Lead Metric Thin Plastic Quad Flatpack (TQFP)
(ST-100)
SEATING
PLANE
0.024 (0.75)
0.022 (0.60) TYP
0.020 (0.50)
0.063 (1.60) MAX
12
°
TYP
0.007 (0.177)
0.005 (0.127) TYP
0.003 (0.077)
6
° ± 4°
0
° – 10°
0.004
(0.102)
MAX LEAD
COPLANARITY
TOP VIEW
(PINS DOWN)
1
25
26
51
50
75
100
76
0.010 (0.27)
0.009 (0.22) TYP
0.006 (0.17)
0.640 (16.25)
0.630 (16.00)
0.620 (15.75)
TYP SQ
0.020 (0.50)
BSC
LEAD PITCH
0.555 (14.05)
0.551 (14.00)
0.547 (13.90)
TYP SQ
0.476 (12.10)
0.474 (12.05)
0.472 (12.00)
TYP SQ
LEAD WIDTH
ORDERING GUIDE
Ambient
Instruction
Temperature
Rate
Package
Package
Part Number
Range
(MHz)
Description
Option*
ADSP-2185KST-115
0
°C to +70°C
28.8
100-Lead TQFP
ST-100
ADSP-2185BST-115
–40
°C to +85°C
28.8
100-Lead TQFP
ST-100
ADSP-2185KST-133
0
°C to +70°C
33.3
100-Lead TQFP
ST-100
ADSP-2185BST-133
–40
°C to +85°C
33.3
100-Lead TQFP
ST-100
*ST = Plastic Thin Quad Flatpack (TQFP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com