Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP2185 Datasheet(PDF) 12 Page - Analog Devices

Part # ADSP2185
Description  DSP Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP2185 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADSP2185 Datasheet HTML 8Page - Analog Devices ADSP2185 Datasheet HTML 9Page - Analog Devices ADSP2185 Datasheet HTML 10Page - Analog Devices ADSP2185 Datasheet HTML 11Page - Analog Devices ADSP2185 Datasheet HTML 12Page - Analog Devices ADSP2185 Datasheet HTML 13Page - Analog Devices ADSP2185 Datasheet HTML 14Page - Analog Devices ADSP2185 Datasheet HTML 15Page - Analog Devices ADSP2185 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADSP-2185
–12–
REV. 0
Target Board Connector for EZ-ICE
®* Probe
The EZ-ICE
®* connector (a standard pin strip header) is shown
in Figure 7. You must add this connector to your target board
design if you intend to use the EZ-ICE
®*. Be sure to allow
enough room in your system to fit the EZ-ICE
®* probe onto the
14-pin connector.
×
12
34
56
78
910
11
12
13
14
GND
KEY (NO PIN)
RESET
BR
BG
TOP VIEW
EBG
EBR
ELOUT
EE
EINT
ELIN
ECLK
EMS
ERESET
Figure 7. Target Board Connector for EZ-ICE®*
The 14-pin, 2-row pin strip header is keyed at the Pin 7 loca-
tion—you must remove Pin 7 from the header. The pins must
be 0.025 inch square and at least 0.20 inch in length. Pin spac-
ing should be 0.1
× 0.1 inches. The pin strip header must have
at least 0.15 inch clearance on all sides to accept the EZ-ICE
®*
probe plug. Pin strip headers are available from vendors such as
3M, McKenzie and Samtec.
Target Memory Interface
For your target system to be compatible with the EZ-ICE
®*
emulator, it must comply with the memory interface guidelines
listed below.
PM, DM, BM, IOM and CM
Design your Program Memory (PM), Data Memory (DM), Byte
Memory (BM), I/O Memory (IOM) and Composite Memory
(CM) external interfaces to comply with worst case device tim-
ing requirements and switching characteristics as specified in
this DSP’s data sheet. The performance of the EZ-ICE
®* may
approach published worst case specification for some memory
access timing requirements and switching characteristics.
Note: If your target does not meet the worst case chip specifica-
tion for memory access parameters, you may not be able to
emulate your circuitry at the desired CLKIN frequency. Depend-
ing on the severity of the specification violation, you may have
trouble manufacturing your system as DSP components statisti-
cally vary in switching characteristic and timing requirements
within published limits.
Restriction: All memory strobe signals on the ADSP-2185 (
RD,
WR, PMS, DMS, BMS, CMS and IOMS) used in your target
system must have 10 k
Ω pull-up resistors connected when the
EZ-ICE
®* is being used. The pull-up resistors are necessary
because there are no internal pull-ups to guarantee their state
during prolonged three-state conditions resulting from typical
EZ-ICE
®* debugging sessions. These resistors may be removed
at your option when the EZ-ICE
®* is not being used.
Target System Interface Signals
When the EZ-ICE
®* board is installed, the performance on
some system signals change. Design your system to be compat-
ible with the following system interface signal changes intro-
duced by the EZ-ICE
®* board:
• EZ-ICE
®* emulation introduces an 8 ns propagation delay
between your target circuitry and the DSP on the
RESET
signal.
• EZ-ICE
®* emulation introduces an 8 ns propagation delay
between your target circuitry and the DSP on the
BR signal.
• EZ-ICE
®* emulation ignores
RESET and BR when single-
stepping.
• EZ-ICE
®* emulation ignores
RESET and BR when in Emu-
lator Space (DSP halted).
• EZ-ICE
®* emulation ignores the state of target
BR in certain
modes. As a result, the target system may take control of the
DSP’s external memory bus only if bus grant (
BG) is asserted
by the EZ-ICE
®* board’s DSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com