Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP2185 Datasheet(PDF) 15 Page - Analog Devices

Part # ADSP2185
Description  DSP Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP2185 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADSP2185 Datasheet HTML 11Page - Analog Devices ADSP2185 Datasheet HTML 12Page - Analog Devices ADSP2185 Datasheet HTML 13Page - Analog Devices ADSP2185 Datasheet HTML 14Page - Analog Devices ADSP2185 Datasheet HTML 15Page - Analog Devices ADSP2185 Datasheet HTML 16Page - Analog Devices ADSP2185 Datasheet HTML 17Page - Analog Devices ADSP2185 Datasheet HTML 18Page - Analog Devices ADSP2185 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
ADSP-2185
–15–
REV. 0
ENVIRONMENTAL CONDITIONS
Ambient Temperature Rating:
TAMB = TCASE – (PD x
θ
CA)
TCASE = Case Temperature in
°C
PD = Power Dissipation in W
θ
CA = Thermal Resistance (Case-to-Ambient)
θ
JA = Thermal Resistance (Junction-to-Ambient)
θ
JC = Thermal Resistance (Junction-to-Case)
Package
JA
JC
CA
TQFP
50
°C/W
2
°C/W
48
°C/W
POWER DISSIPATION
To determine total power dissipation in a specific application,
the following equation should be applied for each output:
C
× V
DD
2
× f
C = load capacitance, f = output switching frequency.
Example:
In an application where external data memory is used and no
other outputs are active, power dissipation is calculated as follows:
Assumptions:
• External data memory is accessed every cycle with 50% of the
address pins switching.
• External data memory writes occur every other cycle with
50% of the data pins switching.
• Each address and data pin has a 10 pF total load at the pin.
• The application operates at VDD = 5.0 V and tCK = 30 ns.
Total Power Dissipation = PINT + (C × VDD
2
× f)
PINT = internal power dissipation from Power vs. Frequency
graph (Figure 8).
(C
× V
DD
2
× f) is calculated for each output:
# of
Pins
C
VDD
2
f
Address,
DMS
8
× 10 pF × 52 V × 33.3 MHz = 66.6 mW
Data Output,
WR 9
× 10 pF × 52 V × 16.67 MHz = 37.5 mW
RD
1
× 10 pF × 52 V × 16.67 MHz = 4.2 mW
CLKOUT
1
× 10 pF × 52 V × 33.3 MHz = 8.3 mW
116.6 mW
Total power dissipation for this example is PINT + 116.6 mW.
1/
tCK – MHz
440
340
280
28
34
29
30
31
32
33
420
360
320
300
400
380
260
240
220
200
2185 POWER, INTERNAL1, 3, 4
VDD = 5.5V
VDD = 5.0V
VDD = 4.5V
396mW
315mW
243mW
349mW
277mW
214mW
1/fCK – MHz
95
60
45
28
34
29
30
31
32
33
90
65
55
50
85
75
80
70
40
POWER, IDLE1, 2
83mW
62mW
45mW
40mW
56mW
75mW
VDD = 5.5V
VDD = 5.0V
VDD = 4.5V
1/fCK – MHz
75
40
30
28
34
29
30
31
32
33
70
45
35
65
55
60
50
25
POWER, IDLE
n MODES3
62mW
38mW
36mW
34mW
36mW
56mW
IDLE
IDLE (16)
IDLE (128)
VALID FOR ALL TEMPERATURE GRADES.
1POWER REFLECTS DEVICE OPERATING WITH NO OUTPUT LOADS.
2IDLE REFERS TO ADSP-2185 STATE OF OPERATION DURING EXECUTION OF IDLE
INSTRUCTION. DEASSERTED PINS ARE DRIVEN TO EITHER VDD OR GND.
3TYPICAL POWER DISSIPATION AT 5.0V V
DD AND 25°C EXCEPT WHERE SPECIFIED.
4I
DD MEASUREMENT TAKEN WITH ALL INSTRUCTIONS EXECUTING FROM INTERNAL
MEMORY. 50% OF THE INSTRUCTIONS ARE MULTIFUNCTION (TYPES 1, 4, 5, 12, 13, 14),
30% ARE TYPE 2 AND TYPE 6, AND 20% ARE IDLE INSTRUCTIONS.
Figure 8. Power vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com