Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7150LS85 Datasheet(PDF) 7 Page - Analog Devices

Part # ADV7150LS85
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7150LS85 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV7150LS85 Datasheet HTML 3Page - Analog Devices ADV7150LS85 Datasheet HTML 4Page - Analog Devices ADV7150LS85 Datasheet HTML 5Page - Analog Devices ADV7150LS85 Datasheet HTML 6Page - Analog Devices ADV7150LS85 Datasheet HTML 7Page - Analog Devices ADV7150LS85 Datasheet HTML 8Page - Analog Devices ADV7150LS85 Datasheet HTML 9Page - Analog Devices ADV7150LS85 Datasheet HTML 10Page - Analog Devices ADV7150LS85 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
ADV7150
–7–
REV. A
t
12
CLOCK
PRGCKOUT
(CLOCK/4)
PRGCKOUT
(CLOCK/8)
PRGCKOUT
(CLOCK/16)
PRGCKOUT
(CLOCK/32)
Figure 8. Pixel Clock Input vs. Programmable Clock Output (PRGCKOUT)
SCKIN
END OF SCAN LINE (N)
t
13
SCKOUT
START OF SCAN LINE (N+1)
BLANKING
PERIOD
t
15
t
14
BLANK
Figure 9. Video Data Shift Clock Input (SCKIN) & BLANK vs. Video Data Shift Clock Output (SCKOUT)
CLOCK
t
16
ANALOG
OUTPUTS
t
17
t
18
10 %
50 %
90 %
FULL-SCALE
TRANSITION
WHITE LEVEL
BLACK LEVEL
IOR, IOR
IOG, IOG
IOB, IOB
IPLL, SYNCOUT
NOTE:
THIS DIAGRAM IS NOT TO SCALE. FOR THE PURPOSES OF
CLARITY, THE ANALOG OUTPUT WAVEFORM IS MAGNIFIED IN
TIME AND AMPLITUDE W.R.T THE CLOCK WAVEFORM.
IPLL AND SYNCOUT ARE DIGITAL VIDEO OUTPUT SIGNALS.
t
16 IS THE ONLY RELEVENT OUTPUT TIMING SPECIFICATION
FOR I
PLL AND SYNCOUT.
Figure 10. Analog Output Response vs. CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com