Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7150LS85 Datasheet(PDF) 15 Page - Analog Devices

Part # ADV7150LS85
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7150LS85 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADV7150LS85 Datasheet HTML 11Page - Analog Devices ADV7150LS85 Datasheet HTML 12Page - Analog Devices ADV7150LS85 Datasheet HTML 13Page - Analog Devices ADV7150LS85 Datasheet HTML 14Page - Analog Devices ADV7150LS85 Datasheet HTML 15Page - Analog Devices ADV7150LS85 Datasheet HTML 16Page - Analog Devices ADV7150LS85 Datasheet HTML 17Page - Analog Devices ADV7150LS85 Datasheet HTML 18Page - Analog Devices ADV7150LS85 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
ADV7150
–15–
REV. A
Pipeline Delay and Onboard Calibration
The ADV7150 has a fixed number of pipeline delays (tPD), so
long as timings t10 and
τ-t
11 are met. However, if a fixed pipeline
delay is not a requirement, timings t10 and τ-t11 can be ignored,
a calibration cycle must be run and there is no restriction on
LOADIN to LOADOUT timing. If timings t10 and
τ-t
11 are not
met, the part will function correctly though with an increased
number of pipeline delays, tPD + N CLOCKS (for 4:1 mode
N = 4, for 2:1 mode N = 2, for 1:1 mode N = 0). The ADV7150
has onboard calibration circuitry which synchronizes pixel data and
LOADIN with the internal ADV7150 clocking signals. Calibra-
tion can be performed in two ways: during the devices initializa-
tion sequence by toggling two bits of the Mode Register, MR10
followed by MR15, or by writing a “1” to Bit CR10 of Command
Register 1 which executes a calibration on every Vertical Sync.
COLOR VIDEO MODES
The ADV7150 supports a number of color video modes all at
the maximum video rate.
Command bits CR24–CR27 of Command Register 2 along with
Bit MR11 of Mode Register 1 determine the color mode.
24-Bit “Gamma” True Color
(CR25, CR26, CR27 = 1, 1, 1 and MR11 = 1)
The part is set to 24-bit/30-bit True-Color operation. The pixel
port accepts 24 bits of color data which is directly mapped to
the Look-Up Table RAM. The Look-Up Table is configured as
a 256 location by 30 bits deep RAM (10 bits each for Red,
Green and Blue). The output of the RAM drives the DACs with
30-bit data (10 bits each for Red, Green and Blue). The RAM is
preloaded with a user determined, nonlinear function, such as a
gamma correction curve.
10
10-BIT
RED DAC
10-BIT
BLUE DAC
RED
256 x 10
GREEN
256 x 10
BLUE
256 x 10
8
10-BIT
GREEN DAC
10
10
8
8
24-BIT
COLOR DATA
24-BIT TO 30-BIT
LOOK-UP TABLE
30-BIT
COLOR DATA
ANALOG VIDEO
OUTPUTS
RED
OUT
GREEN
OUT
BLUE
OUT
Figure 19. 24-Bit to 30-Bit True-Color Configuration
This mode allows for the display of full 24-bit, Gamma-
Corrected True-Color Images.
24-Bit “Standard” True Color
(CR25, CR26, CR27 = 1, 1, 1 and MR11 = 0)
This mode sets the part into direct 24-bit True-Color operation.
The pixel port accepts 24 bits of color data which is directly
mapped to Look-Up Table RAM. The Look-Up Table is con-
figured as a 256 location by 24 bits deep RAM (8 bits each for
Red, Green and Blue) and essentially acts as a bypass RAM.
The output of the RAM drives the DACs with 24-bit data (8
bits each for Red, Green and Blue). The RAM is preloaded with
a linear function.
This mode allows for the display of full 24-bit True-Color
Images.
8
8-BIT
RED DAC
8-BIT
BLUE DAC
RED
256 x 8
GREEN
256 x 8
BLUE
256 x 8
8
8-BIT
GREEN DAC
8
8
8
8
RED
OUT
GREEN
OUT
BLUE
OUT
24-BIT
COLOR DATA
24-BIT TO 24-BIT
LOOK-UP TABLE
24-BIT
COLOR DATA
ANALOG VIDEO
OUTPUTS
Figure 20. 24-Bit to 24-Bit Direct True-Color Configuration
8-Bit “Gamma” Pseudo Color
(CR25, CR26, CR27 = X, 0, 0 or X, 1, 0 or X, 0, 1 and
MR11 = 1)
This mode sets the part into 8-bit Pseudo-Color operation. The
pixel port accepts 8 bits of pixel data which indexes a 30-bit
word in the Look-Up Table RAM. The Look-Up Table is con-
figured as a 256 location by 30 bits deep RAM (10 bits each for
Red, Green and Blue). The output of the RAM drives the
DACs with 30-bit data (10 bits each for Red, Green and Blue).
10
10-BIT
RED DAC
10-BIT
BLUE DAC
RED
256 x 10
GREEN
256 x 10
BLUE
256 x 10
10-BIT
GREEN DAC
10
10
8
RED
OUT
GREEN
OUT
BLUE
OUT
8-BIT PIXEL
DATA
8-BIT TO 30-BIT
LOOK-UP TABLE
30-BIT
COLOR DATA
ANALOG VIDEO
OUTPUTS
Figure 21. 8-Bit to 30-Bit Pseudo-Color Configuration
This mode allows for the display of 256 simultaneous colors out
of a total palette of millions of addressable colors.
8-Bit “Standard” Pseudo Color
(CR25, CR26, CR27 = X, 0, 0 or X, 1, 0 or X, 0, 1 and
MR11 = 0)
This mode sets the part into 8-bit Pseudo-Color operation. The
pixel port accepts 8 bits of pixel data which indexes a 24-bit
word in the Look-Up Table RAM. The Look-Up Table is con-
figured as a 256 location by 24 bits deep RAM (10 bits each for
Red, Green and Blue). The output of the RAM drives the
DACs with 24-bit data (8 bits each for Red, Green and Blue).
8
8-BIT
RED DAC
8-BIT
BLUE DAC
RED
256 x 8
GREEN
256 x 8
BLUE
256 x 8
8-BIT
GREEN DAC
8
8
8
RED
OUT
GREEN
OUT
BLUE
OUT
8-BIT PIXEL
DATA
8-BIT TO 24-BIT
LOOK-UP TABLE
24-BIT
COLOR DATA
ANALOG VIDEO
OUTPUTS
Figure 22. 8-Bit to 24-Bit Pseudo-Color Configuration
This mode allows for the display of 256 simultaneous colors out
of a total palette of millions of addressable colors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com