Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7150LS85 Datasheet(PDF) 8 Page - Analog Devices

Part # ADV7150LS85
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7150LS85 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV7150LS85 Datasheet HTML 4Page - Analog Devices ADV7150LS85 Datasheet HTML 5Page - Analog Devices ADV7150LS85 Datasheet HTML 6Page - Analog Devices ADV7150LS85 Datasheet HTML 7Page - Analog Devices ADV7150LS85 Datasheet HTML 8Page - Analog Devices ADV7150LS85 Datasheet HTML 9Page - Analog Devices ADV7150LS85 Datasheet HTML 10Page - Analog Devices ADV7150LS85 Datasheet HTML 11Page - Analog Devices ADV7150LS85 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
ADV7150
–8–
REV. A
RECOMMENDED OPERATING CONDITION
Parameter
Symbol
Min
Typ
Max
Units
Power Supply
VAA
4.75
5.00
5.25
Volts
Ambient Operating Temperature
TA
0
+70
°C
Reference Voltage
VREF
1.14
1.235
1.26
Volts
Output Load
RL
37.5
Ω
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADV7150 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
VAA to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
Voltage on Any Digital Pin . . . . GND – 0.5 V to VAA + 0.5 V
Ambient Operating Temperature (TA) . . . . . –55
°C to +125°C
Storage Temperature (TS) . . . . . . . . . . . . . . –65°C to +150°C
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . +150
°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . +260
°C
Vapor Phase Soldering (1 minute) . . . . . . . . . . . . . . . +220
°C
Analog Outputs to GND
2
. . . . . . . . . . . . . GND – 0.5 to VAA
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Analog Output Short Circuit to any Power Supply or Common can be of an
indefinite duration.
ORDERING GUIDE
1, 2, 3
Speed
220 MHz
ADV7150LS220
110 MHz
ADV7150LS110
170 MHz
ADV7150LS170
85 MHz
ADV7150LS85
135 MHz
ADV7150LS135
NOTES
1ADV7150 is packaged in a 160-pin plastic quad flatpack, QFP.
2All devices are specified for 0
°C to +70°C operation.
3Contact sales office for latest information on package design.
16-Lead QFP Configuration
ROW D
PIN NO. 1
IDENTIFIER
ADV7150 QFP
TOP VIEW
(NOT TO SCALE)
ROW B
160
121
41
80
1
40
120
81
t
19
t
20
VALID
CONTROL DATA
t
21
t
22
t
23
t
26
t
25
t
27
D0–D9
(READ MODE)
D0–D9
(WRITE MODE)
CE
R/W, C0, C1
R/W = 1
R/W = 0
t
24
Figure 11. Microprocessor Port (MPU) Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com