Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7150LS85 Datasheet(PDF) 30 Page - Analog Devices

Part # ADV7150LS85
Description  CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7150LS85 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADV7150LS85 Datasheet HTML 26Page - Analog Devices ADV7150LS85 Datasheet HTML 27Page - Analog Devices ADV7150LS85 Datasheet HTML 28Page - Analog Devices ADV7150LS85 Datasheet HTML 29Page - Analog Devices ADV7150LS85 Datasheet HTML 30Page - Analog Devices ADV7150LS85 Datasheet HTML 31Page - Analog Devices ADV7150LS85 Datasheet HTML 32Page - Analog Devices ADV7150LS85 Datasheet HTML 33Page - Analog Devices ADV7150LS85 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
ADV7150
–30–
REV. A
ADV7150 Initialization
After power has been supplied, the ADV7150 must be initial-
ized. The Mode Register and Control Registers must be set.
The values written to the various registers will be determined by
the desired operating mode of the part, i.e., True Color/Pseudo
Color, 2:1 Muxing/2:1 Muxing, etc.
The following section gives examples of initialization of the
ADV7150 operating in various modes.
Example 1
Color Mode
24-Bit True Color
Multiplexing
2:1
Databus
8-Bit
RAM-DAC Resolution
8-Bit
SYNC
Enabled on IOG
Pedestal
7.5 IRE
Register Initialization
C1
C0
R/W
Comment
Write
09H to Mode Register (MR1)
1
1
0
Resets to Normal Operation, 8-Bit Bus/RAM-DAC
Write
08H to Mode Register (MR1)
1
1
0
*(Initializes Pipelining
Write
09H to Mode Register (MR1)
1
1
0
*( “
Write
29H to Mode Register (MR1)
1
1
0
*(Calibrates LOADOUT/LOADIN Timing
Write
09H to Mode Register (MR1)
1
1
0
*( “
Write
04H to Address Register (A7–A0)
0
0
0
Address Reg Points to Pixel Mask Register
Write
FFH to Pixel Mask Register
1
0
0
Sets the Pixel Mask to All “1s”
Write
05H to Address Register (A7–A0)
0
0
0
Address Reg Points to Command Register 1 (CR1)
Write
00H to Command Reg 1 (CR1)
1
0
0
Write
06H to Address Register (A7–A0)
0
0
0
Address Reg Points to Command Register 2 (CR2)
Write
ECH to Command Reg 2 (CR2)
1
0
0
Sets 24-Bit Color, 7.5 IRE, SYNC on Green (IOG)
Write
07H to Address Register (A7–A0)
0
0
0
Address Reg Points to Command Register 3 (CR3)
Write
C0H to Command Reg 3 (CR3)
1
0
0
Sets 2:1 Multiplexing, PRGCKOUT = CLOCK/4
Color Palette RAM Initialization
C1
C0
R/W
Comment
Write
00H to Address Register (A7–A0)
0
0
0
Points to Color Palette RAM
Write
00H (Red Data) to RAM Location (00H)
0
1
0
(Initializes Palette RAM
Write
00H (Green Data) to RAM Location (00H)
0
1
0
(
to a Linear Ramp**
Write
00H (Blue Data) to RAM Location (00H)
0
1
0
(
Write
01H (Red Data) to RAM Location (01H)
0
1
0
(
Write
01H (Green Data) to RAM Location (01H)
0
1
0
(
Write
01H (Blue Data) to RAM Location (01H)
0
1
0
(
•
•••
•
•
•
•
(
•
•••
•
•
•
•
(
Write
FFH (Red Data) to RAM Location (FFH)
0
1
0
(
Write
FFH (Green Data) to RAM Location (FFH)
0
1
0
(
Write
FFH (Blue Data) to RAM Location (FFH)
0
1
0
(RAM Initialization Complete
**These four command lines reset the ADV7150. The pipelines for each of the Red, Creen and Blue pixel inputs are synchronously reset to the Multiplexer’s
“A” input. Mode Register bit MR10 is written by a “1” followed by “0” followed by “1.” LOADIN/LOADOUT timing is internally synchronized by writing a “0”
followed by a “1” followed by a “0” to Mode Register MR15.
**This sequence of instructions would, of course, normally be coded using some form of loop instruction.
APPENDIX 5
INITIALIZATION AND PROGRAMMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com