Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1197LP7FE Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC1197LP7FE Datasheet HTML 3Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 4Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 5Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 6Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 7Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 8Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 9Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 10Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 11Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
HMC1197LP7FE
v00.0912
WIDEBAND DIRECT QUADRATURE MODULATOR
w/ FRACTIONAL-N PLL & VCO, 100 - 4000 MHz
-1
0
1
2
3
4
5
6
7
8
9
10
11
0.9 1
2
3
4
INPUT BASEBAND VOLTAGE (Vpp-diff)
RF Output Power vs. Baseband Voltage
@ 2100 MHz
-170
-165
-160
-155
-150
-145
-140
-10
-5
0
5
LO=930MHz
LO=1930MHz
LO=2530MHz
LO=3530MHz
OUTPUT POWER (dBm)
RF Output Noise @ 20 MHz Offset
vs. Output Power Over LO Frequency
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
1
10
100
1000
IF FREQUENCY (MHz)
Normalized Baseband Frequency
Response [1]
[1] I/Q input bandwidth normalized to gain at 1 MHz (fLO=1800 MHz). I/Q inputs are matched to 100 Ohms differentially.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com