Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 11 Page - Hittite Microwave Corporation

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1197LP7FE Datasheet(HTML) 11 Page - Hittite Microwave Corporation

Back Button HMC1197LP7FE Datasheet HTML 7Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 8Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 9Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 10Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 11Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 12Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 13Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 14Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 15Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11
HMC1197LP7FE
v00.0912
WIDEBAND DIRECT QUADRATURE MODULATOR
w/ FRACTIONAL-N PLL & VCO, 100 - 4000 MHz
Closed Loop Phase Noıse Wıth External
VCO HMC384LP4E
Forward Transmission Gain [1]
Auxiliary LO Differential Output Return
Loss
Auxiliary LO Single Ended Output Return
Loss
-180
-160
-140
-120
-100
-80
-60
-40
1
10
100
1000
10000
OFFSET (KHz)
-5
0
5
10
15
20
400
800
1200
1600
2000
2400
2800
OUTPUT FREQUENCY (MHz)
S21 EXT-IN LO OUT DIFFERENTIAL OUTPUT
S21 EXT-IN LO OUT SINGLE-ENDED OUTPUT
-30
-25
-20
-15
-10
-5
0
100
1000
OUTPUT FREQUENCY (MHz)
-30
-25
-20
-15
-10
-5
0
100
1000
OUTPUT FREQUENCY (MHz)
[1] S21 from Ext_VCO (pin 35, 36) in and LO (pin26, 27) out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com