Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1197LP7FE Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC1197LP7FE Datasheet HTML 1Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 2Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 3Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 4Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 5Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 6Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 7Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 8Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
2
HMC1197LP7FE
v00.0912
WIDEBAND DIRECT QUADRATURE MODULATOR
w/ FRACTIONAL-N PLL & VCO, 100 - 4000 MHz
Electrical Specifications, See Test Conditions on page-4.
Parameter
Typ.
Typ.
Typ.
Typ.
Units
Frequency Range, RF
450-960
1700-2200
2200-2700
3400-4000
MHz
Output Power
0.4
1.6
1.6
-0.6
dBm
Conversion Voltage Gain
-5.7
-4.5
-4.5
-6.7
dB
Output P1dB
+10.5
+10.5
+10
+10
dBm
Output Noise Floor
-162
-160
-158
-158
dBm/Hz
Output IP3
+32
+30
+30
+22
dBm
Carrier Feedthrough
(uncalibrated)
-45
-40
-35
-33
dBm
Sideband Suppression
(uncalibrated)
40
40
45
35
dBc
RF Port Return Loss
12
14
15
12
dB
Parameter
Conditions
Min.
Typ.
Max.
Units
RF Output
RF Frequency Range
100
4000
MHz
RF Return Loss
15
dB
Baseband Input Port
Baseband Input DC Voltage (Vbbdc)
+0.45 (+0.4 to +0.5)
V
Baseband Input DC Bias Current (Ibbdc)
Single-ended.
110
pA
Single-ended Baseband Input Capacitance
De-embed to the lead of the device.
4.5
pF
DC Power Supply
Supply Voltage (VCC1, VCC2, VCC3, VDDLS,
VDDCP, BIAS, IF1P)
+4.75
+5.0
+5.25
V
Supply Current of +5V Supply (I
CC1)
Modulator ON and PLL ON
320
mA
Modulator OFF and PLL ON
152
mA
Modulator OFF and PLL OFF
12
mA
Supply Voltage (V3, DVDD, RVDD, VCCPD,
VCCPS, VCCHF)
3.15
+3.3
3.45
V
Supply Current of +3.3V Supply (I
CC2)
Modulator ON and PLL ON
48
mA
Modulator OFF and PLL ON
48
mA
Modulator OFF and PLL OFF
1
mA
Enable/Disable Interface
EN High Level
Modulator disabled
5
V
EN Low Level
Modulator enabled
0
V
Enable/Disable Settling Time
530/50
ns
LO Leakage Isolation
EN_MOD=5V, LO=2.1GHz
-75
dBm
LO Output Characteristics
LO Output Frequency
50
4100
MHz
VCO Frequency at PLL Input
2000
4100
MHz
VCO Fundamental Frequency
2000
4100
MHz
VCO Output Divider
VCO Output Divider Range
1, 2, 4, .... 60, 62
1
62
PLL RF Divider Characteristics
19-Bit N Divider Range
Integer
16
524287
Fractional
20
524283
Electrical Specifications (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com