Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 21 Page - Hittite Microwave Corporation

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1197LP7FE Datasheet(HTML) 21 Page - Hittite Microwave Corporation

Back Button HMC1197LP7FE Datasheet HTML 17Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 18Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 19Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 20Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 21Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 22Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 23Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 24Page - Hittite Microwave Corporation HMC1197LP7FE Datasheet HTML 25Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
21
HMC1197LP7FE
v00.0912
WIDEBAND DIRECT QUADRATURE MODULATOR
w/ FRACTIONAL-N PLL & VCO, 100 - 4000 MHz
Reg 0Bh PD/CP Register
BIT
TYPE
NAME
W
DEFLT
DESCRIPTION
[3:0]
R/W
Reserved
4
1
Reserved
[4]
R/W
PD Phase Select
1
0
Inverts the PD polarity (program to 0)
0- Use with a positive tuning slope VCO and Passive Loop Filter
(default)
1- Use with a Negative Slope VCO or with an inverting Active Loop
Filter with a Positive Slope VCO
[5]
R/W
PD Up Output Enable
1
1
Enables the PD UP output, see also Reg 0Bh Reg 7h[9]
[6]
R/W
PD Down Output Enable
1
0
Enables the PD DN output, see alsoReg 0Bh Reg 7h [10]
[8:7]
R/W
Reserved
2
0
Reserved, Program to 0d.
[9]
R/W
Force CP UP
1
0
Forces CP UP output on if CP is not forced down - Use for Test
only
[10]
R/W
Force CP DN
1
0
Forces CP DN output on if CP is not forced up - Use for Test only
[11]
R/W
Force CP MId Rail
1
0
Force CP MId Rail - Use for Test only (if Force CP UP or Force CP
DN are enabled they have precedence)
[23:12]
R/W
Reserved
12
124d
7Ch
Reserved. Program to 78h
Reg 0Ch Exact Frequency Register
BIT
TYPE
NAME
W
DEFLT
DESCRIPTION
[23:0]
R/W
Number of Channels per Fpd
24
0
Comparison Frequency divided by the correction rate. Must be
an integer. Frequencies at exactly the correction rate will have
zero frequency error. Only works in modulator Mode B. Must be 0
otherwise
0: Disabled
1: Invalid
≥ 2 valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com