Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP0200S Datasheet(PDF) 3 Page - DB Lectro Inc

Part # MSP0200S
Description  Caract챕ristiques fonctionnelles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSP0200S Datasheet(HTML) 3 Page - DB Lectro Inc

  MSP0200S Datasheet HTML 1Page - DB Lectro Inc MSP0200S Datasheet HTML 2Page - DB Lectro Inc MSP0200S Datasheet HTML 3Page - DB Lectro Inc MSP0200S Datasheet HTML 4Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
*W [kg]: Approximate Weight per box in kg
**industrial packaging: add “-00000E” at standard code
MSP
MSP__00U-0000P Straight with Vde Pegs, Side Entry
12,7 mm / .500” Pitch
Weight per pole: 3.68 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02 MSP0200U-0000P
125
0,92
750
5,52
03 MSP0300U-0000P
75
0,83
500
5,52
MSP__00N-0000P Straight with Vde Pegs, Side Entry
9.52 mm / .375” Pitch
Weight per pole: 3.53 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02 MSP0200N-0000P
150
1,06
750
5,30
03 MSP0300N-0000P
100
1,06
500
5,30
MSP__00S-0000P Straight with Vde Pegs, Side Entry
6.35 mm / .250” Pitch
Weight per pole: 3.08 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02 MSP0200S-0000P
200
1,23
1000
6,16
03 MSP0300S-0000P
125
1,16
750
6,93
MSP__00U
Straight, Modular-Side Entry
12,7 mm / .500” Pitch
Weight per pole: 3.68 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
01
MSP0100U
200
0,74
1000
3,68
02
MSP0200U
125
0,92
750
5,52
03
MSP0300U
75
0,83
500
5,52
MSP__00N
Straight, Modular-Side Entry
9.52 mm / .375” Pitch
Weight per pole: 3.53 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSP0200N
150
1,06
750
5,30
03
MSP0300N
100
1,06
500
5,30
MSP__00S
Straight, Modular-Side Entry
6.35 mm / .250” Pitch
Weight per pole: 3.08 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSP0200S
200
1,23
1000
6,16
03
MSP0300S
125
1,16
750
6,93
04
MSP0400S
100
1,23
500
6,16
05
MSP0500S
75
1,16
500
7,70
Wire entry
Wire entry
Wire entry
Wire entry
Wire entry
Wire entry
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com