Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP0200S Datasheet(PDF) 4 Page - DB Lectro Inc

Part # MSP0200S
Description  Caract챕ristiques fonctionnelles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSP0200S Datasheet(HTML) 4 Page - DB Lectro Inc

  MSP0200S Datasheet HTML 1Page - DB Lectro Inc MSP0200S Datasheet HTML 2Page - DB Lectro Inc MSP0200S Datasheet HTML 3Page - DB Lectro Inc MSP0200S Datasheet HTML 4Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MSP
MSP__04U
35° Modular, Angled Entry
12,7 mm / .500” Pitch
Weight per pole: 3.68 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
01
MSP0104U
200
0,74
1000
3,68
02
MSP0204U
125
0,92
750
5,52
MSP__09U
90° Modular, Top Entry
12,7 mm / .500” Pitch
Weight per pole: 3.68 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
01
MSP0109U
200
0,74
1000
3,68
02
MSP0209U
125
0,92
750
5,52
03
MSP0309U
75
0,83
500
5,52
MSP__04N
35° Modular, Angled Entry
9.52 mm / .375” Pitch
Weight per pole: 3.64 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSP0204N
125
0,91
750
5,46
03
MSP0304N
75
0,82
500
5,46
MSP__09N
90° Modular, Top Entry
9.52 mm / .375” Pitch
Weight per pole: 3.53 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSP0209N
150
1,06
750
5,30
03
MSP0309N
100
1,06
500
5,30
MSP__04S
35° Modular, Angled Entry
6.35 mm / .250” Pitch
Weight per pole: 3.23 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSP0204S
200
1,29
1000
6,46
03
MSP0304S
125
1,21
750
7,27
MSP__09S
90° Modular, Top Entry
6.35 mm / .250” Pitch
Weight per pole: 3.08 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSP0209S
200
1,23
1000
6,16
03
MSP0309S
125
1,16
750
6,93
04
MSP0409S
100
1,23
500
6,16
05
MSP0509S
75
1,16
500
7,70
Wire entry
Wire entry
Wire entry
Wire entry
Wire entry
Wire entry
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
Modular version, combinable 2 ÷ ∞ poles



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com