Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP176 Datasheet(PDF) 5 Page - Analog Devices

Part # OP176
Description  Bipolar/JFET, Audio Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP176 Datasheet(HTML) 5 Page - Analog Devices

  OP176 Datasheet HTML 1Page - Analog Devices OP176 Datasheet HTML 2Page - Analog Devices OP176 Datasheet HTML 3Page - Analog Devices OP176 Datasheet HTML 4Page - Analog Devices OP176 Datasheet HTML 5Page - Analog Devices OP176 Datasheet HTML 6Page - Analog Devices OP176 Datasheet HTML 7Page - Analog Devices OP176 Datasheet HTML 8Page - Analog Devices OP176 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
OP176
REV. 0
–5–
Figure 10. Power Supply Rejection vs. Frequency
Figure 7. Short Circuit Current vs. Temperature @
±15 V
Figure 8. Open-Loop Gain & Phase vs. Frequency
Figure 11. Open-Loop Gain vs. Temperature
Figure 12. Closed-Loop Output Impedance vs. Frequency
Figure 9. Closed-Loop Gain vs. Frequency
120
60
0
1k
1M
100k
10k
100
40
20
80
100
FREQUENCY – Hz
±V
S
=
±15V
T
A
= +25°C
+PSRR
–PSRR
FREQUENCY – Hz
120
100
–60
1k
10k
100M
10M
1M
100k
80
60
40
20
0
–20
–40
GAIN
PHASE
PHASE MARGIN = 60°
90
135
180
225
TA = +25°C
VS = ±15V
RL = >600Ω
50
10
–30
1k
10k
100M
10M
1M
100k
20
30
40
–20
–10
0
FREQUENCY – Hz
TA = +25°C
VS = ±15V
2000
0
100
500
250
–25
–50
1000
750
1250
1500
1750
75
50
25
0
TEMPERATURE – °C
±V
S = ±15V
±V
O = ±10V
Ω–GAIN, R
L = 2kΩ
+GAIN, RL = 600Ω
–GAIN, RL = 600Ω
+GAIN, RL = 2kΩ
40
20
0
1k
1M
100k
10k
100
10
30
FREQUENCY – Hz
AV = +100
AV = +10
AV = +1
TA = +25°C
VS = ±15V
80
0
100
20
10
–25
–50
40
30
50
60
70
75
50
25
0
TEMPERATURE – °C
SINK
SOURCE
±V
S
=
±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com