Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP176 Datasheet(PDF) 12 Page - Analog Devices

Part # OP176
Description  Bipolar/JFET, Audio Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP176 Datasheet(HTML) 12 Page - Analog Devices

Back Button OP176 Datasheet HTML 8Page - Analog Devices OP176 Datasheet HTML 9Page - Analog Devices OP176 Datasheet HTML 10Page - Analog Devices OP176 Datasheet HTML 11Page - Analog Devices OP176 Datasheet HTML 12Page - Analog Devices OP176 Datasheet HTML 13Page - Analog Devices OP176 Datasheet HTML 14Page - Analog Devices OP176 Datasheet HTML 15Page - Analog Devices OP176 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
OP176
REV. 0
–12–
A Low Noise Microphone Preamplifier with a Phantom
Power Option
Figure 39 is an example of a circuit that combines the strengths
of the SSM2017 and the OP176 into a variable gain micro-
phone preamplifier with an optional phantom power feature.
The SSM2017’s strengths lie in its low noise and distortion, and
gain flexibility/simplicity. However, rated only for 2 k
Ω or
higher loads, this makes driving 600
Ω loads somewhat limited
with the SSM2017 alone. A pair of OP176s are used in the
circuit as a high current output buffer (U2) and a DC servo
stage (U3). The OP176’s high output current drive capability
provides a high level drive into 600
Ω loads when operating
from
±18 V supplies. For a complete treatment of the circuit
design details, the interested reader should consult application
note AN-242, available from Analog Devices.
This amplifier’s performance is quite good over programmed
gain ranges of 2 to 2000. For a typical audio load of 600
Ω,
THD + N at various gains and an output level of 10 V rms is
illustrated in Figure 40. For all but the very highest gain, the
THD + N is consistent and well below 0.01%, while the gain of
2000 becomes more limited by noise. The noise performance of
the circuit is exceptional with a referred-to-input noise voltage
spectral density of 1 nV/
√Hz at a circuit gain of 1000.
1.0
0.1
0.010
0.001
20
100
1k
10k
20k
G = 2000
G = 200
G = 20
G = 4
±V
S = ±18V
80kHz LPF
Figure 40. Low Noise Microphone Preamplifier THD + N
Performance at Various Gains (V
OUT = 10 V rms and
R
L = 600 Ω)
Figure 39. A Low Noise Microphone Preamplifier
+
+
+
+
+
ΩR10
100
Ω
+48V
R9
6.81k
Ω
R8
6.81k
Ω
C8
47µF/
63V
PHANTOM POWER SUPPLY CONNECTIONS,
INTERLOCKED WITH +/–VS (SEE NOTE 5).
Z1
Z2
TO MICROPHONE
–IN
+IN
ΩR
P1
49.9
Ω
CIN1
47µF/
63V
ΩR
P2
49.9
Ω
CIN2
47µF/
63V
COMMON
Z3
Z4
CG2
2200µF/ 10V
CG1
2200µF/ 10V
RG
RB1
10k
Ω
RB2
10k
Ω
CN
4.7nF/
FILM
1)
3)
+VS
3
8 1
2
6
5
4
7
U1
SSM2017P
–VS
CRF2
100pF
CRF1
100pF
R1
10k
Ω
R6
10k
Ω
R7
1k
Ω
C5
33pF
OUTPUT
6
4
2
3
7
6
2
3
ΩR3
49.9
Ω
R5
221k
Ω
R2
20k
Ω
C1
1µF FILM
R4
221k
Ω
D1
D2
1N458
+VS
–VS
U2
OP176
U3
OP176
C2
1µF FILM
OUT COMMON
NOTES:
1) Z1–Z4 1N752 (SEE TEXT).
2) CINX, CGX LOW LEAKAGE ELECTROLYTIC TYPES (SEE TEXT).
3) GAIN = G = 2 x ((10k/RG ) +1) (SEE TEXT).
4) ALL RESISTORS 1% METAL FILM.
5) DOTTED PHANTOM POWER RELATED COMPONENTS OPTIONAL (SEE TEXT).
+VS
–VS
+18V
–18V
C6
0.1µF
C7
0.1µF
C3
100µF/25V
C4
100µF/25V
+
+
1N458
4
7
–VS
+VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com