Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP176 Datasheet(PDF) 10 Page - Analog Devices

Part # OP176
Description  Bipolar/JFET, Audio Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP176 Datasheet(HTML) 10 Page - Analog Devices

Back Button OP176 Datasheet HTML 6Page - Analog Devices OP176 Datasheet HTML 7Page - Analog Devices OP176 Datasheet HTML 8Page - Analog Devices OP176 Datasheet HTML 9Page - Analog Devices OP176 Datasheet HTML 10Page - Analog Devices OP176 Datasheet HTML 11Page - Analog Devices OP176 Datasheet HTML 12Page - Analog Devices OP176 Datasheet HTML 13Page - Analog Devices OP176 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
OP176
REV. 0
–10–
Figure 33. Unity Gain Follower
Figure 34. Unity Gain Inverter
In inverting and noninverting applications, the feedback
resistance forms a pole with the source resistance and capaci-
tance (R
S and CS) and the OP176’s input capacitance (CIN), as
shown in Figure 35. With R
S and RF in the kΩ range, this pole
can create excess phase shift and even oscillation. A small
capacitor, C
FB, in parallel with RFB eliminates this problem.
By
setting R
S (CS + CIN) = RFB CFB, the effect of the feedback pole is
completely removed.
Figure 35. Compensating the Feedback Pole
Output Voltage Phase Reversal
Since the OP176’s input stage combines bipolar transistors for
low noise and p-channel JFETs for high speed performance, the
output voltage of the OP176 may exhibit phase reversal if either
of its inputs exceeds the specified negative common-mode input
voltage. This might occur in some applications where a trans-
ducer, or a system, fault might apply very large voltages upon
the inputs of the OP176. Even though the input voltage range
of the OP176 is
±10.5 V, an input voltage of approximately
–13.5 V will cause output voltage phase reversal. In inverting
amplifier configurations, the OP176’s internal 7.5 V clamping
diodes will prevent phase reversal; however, they will not
prevent this effect from occurring in noninverting applications.
For these applications, the fix is a 3.92 k
Ω resistor in series
with the noninverting input of the device and is illustrated in
Figure 31.
Figure 31. Output Voltage Phase Reversal Fix
Overdrive Recovery
The overdrive recovery time of an operational amplifier is the
time required for the output voltage to recover to a rated output
level from a saturated condition. This recovery time is impor-
tant in applications where the amplifier must recover quickly
after a large abnormal transient event. The circuit shown in
Figure 32 was used to evaluate the OP176’s overload recovery
time. The OP176 takes approximately 1
µs to recover to V
OUT =
+10 V and approximately 900 ns to recover to V
OUT = –10 V.
Figure 32. Overload Recovery Time Test Circuit
High Speed Operation
As with most high speed amplifiers, care should be taken with
supply decoupling, lead dress, and component placement.
Recommended circuit configurations for inverting and
noninverting applications are shown in Figure 33 and Figure 34.
VIN
RS
909
Ω
VOUT
RL
Ω2.43kΩ
R2
Ω10kΩ
R1
Ω1kΩ
4Vp-p
@ 100Hz
6
2
3
OP176
+15V
+
10µF
0.1µF
2
3
7
6
4
VIN
VOUT
RL
2k
Ω
–15V
10µF
0.1µF
OP176
+15V
+
10µF
0.1µF
2
3
7
6
4
VIN
VOUT
2k
Ω
–15V
10µF
0.1µF
OP176
10pF
4.99k
Ω
2.49k
Ω
4.99k
Ω
+
CFB
RFB
CIN
VOUT
RS
CS
ΩR
S
3.92k
Ω
ΩR
L
2k
Ω
RFB*
VIN
VOUT
*RFB IS OPTIONAL
OP176
2
3
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com