Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP176 Datasheet(PDF) 4 Page - Analog Devices

Part # OP176
Description  Bipolar/JFET, Audio Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP176 Datasheet(HTML) 4 Page - Analog Devices

  OP176 Datasheet HTML 1Page - Analog Devices OP176 Datasheet HTML 2Page - Analog Devices OP176 Datasheet HTML 3Page - Analog Devices OP176 Datasheet HTML 4Page - Analog Devices OP176 Datasheet HTML 5Page - Analog Devices OP176 Datasheet HTML 6Page - Analog Devices OP176 Datasheet HTML 7Page - Analog Devices OP176 Datasheet HTML 8Page - Analog Devices OP176 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Figure 3. Input Bias Current vs. Temperature
Figure 6. Supply Current per Amplifier vs. Supply Voltage
OP176–Typical Characteristics
REV. 0
–4–
Figure 1. Input Offset Voltage Drift Distribution @
±15 V
Figure 4. Maximum Output Swing vs. Frequency
Figure 2. Output Swing vs. Temperature
Figure 5. Maximum Output Swing vs. Load Resistance
120
0
8
60
20
1
40
0
100
80
7
5
4
36
2
µt
C
V
OS
–
µV/°C
±V
S
=
±15V
≤–40°C ≤ T
A ≤
+85°C
BASED ON 300 OP AMPS
16
8
0
10
100
10k
1k
4
12
14
10
6
2
ΩLOAD RESISTANCE – Ω
POSITIVE SWING
NEGATIVE SWING
VS = ±15V
TA = +25°C
2.50
1.50
0
±25±
2.25
1.75
±5±
2.00
±15±
±20±
±10±
SUPPLY VOLTAGE – V
T
A
= +85°C
T
A
= +25°C
T
A
= –40°C
16
12
100
13
–25
–50
14
15
75
50
25
0
TEMPERATURE – °C
ΩV
S = ±18V, +VOM, RL = 600Ω
ΩV
S = ±15V, +VOM, RL = 600Ω
ΩV
S = ±15V, +VOM, RL = 2kΩ
ΩV
S = ±18V, –VOM, RL = 600Ω
ΩV
S = ±15V, –VOM, RL = 2kΩ
ΩV
S = ±15V, –VOM, RL = 600Ω
30
15
0
10k
10M
1M
100k
1k
10
5
20
25
±V
S
=
±15V
ΩT
A
= +25°C
FREQUENCY – Hz
R
L
= 2kΩ
300
0
100
150
50
–25
100
–50
250
200
75
50
25
0
TEMPERATURE – °C
±V
S
=
±15V
V
CM
= 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com