Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP186 Datasheet(PDF) 5 Page - Analog Devices

Part # OP186
Description  5 uA, Rail-to-Rail Output Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP186 Datasheet(HTML) 5 Page - Analog Devices

  OP186 Datasheet HTML 1Page - Analog Devices OP186 Datasheet HTML 2Page - Analog Devices OP186 Datasheet HTML 3Page - Analog Devices OP186 Datasheet HTML 4Page - Analog Devices OP186 Datasheet HTML 5Page - Analog Devices OP186 Datasheet HTML 6Page - Analog Devices OP186 Datasheet HTML 7Page - Analog Devices OP186 Datasheet HTML 8Page - Analog Devices OP186 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
–5–
REV. 0
OP186
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
1
0.6
5
mV
–40
°C ≤ T
A
≤ +125°C6
mV
Input Bias Current
IB
37
nA
–40
°C ≤ T
A
≤ +125°C10
nA
Input Offset Current
IOS
0.1
2
nA
–40
°C ≤ T
A
≤ +125°C5
nA
Input Voltage Range
VCM
–5
+4
V
Common-Mode Rejection
CMRR
VCM = –5.0 V to +4.0 V
65
90
dB
–40
°C ≤ T
A
≤ +125°C60
dB
Large Signal Voltage Gain
AVO
RL = 1 M
Ω, V
O =
±4.0 V,
50
250
V/mV
–40
°C ≤ T
A
≤ +125°C
10
V/mV
Offset Voltage Drift
∆V
OS/
∆T3
µV/°C
Bias Current Drift
∆I
B/
∆T
25
pA/
°C
Offset Current Drift
∆I
OS/
∆T
3
pA/
°C
OUTPUT CHARACTERISTICS
Output Voltage Swing
VO
RL = 100 k
Ω to GND
±4.95 ±4.98
V
–40
°C to +125°C
±4.90
V
Short Circuit Limit
ISC
±10
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS =
±1.35 V to ±6 V
78
95
dB
–40
°C ≤ T
A
≤ +125°C76
dB
Supply Current/Amplifier
ISY
VO = 0 V
5.2
7
µA
–40
°C ≤ T
A
≤ +125°C8
µA
DYNAMIC PERFORMANCE
Slew Rate
±SR
RL = 100 k
Ω, C
L = 15 pF
62
V/ms
Gain Bandwidth Product
GBP
170
kHz
Phase Margin
Φo
58
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
6
µV p-p
Voltage Noise Density
en
f = 1 kHz
80
nV/
√Hz
f = 10 kHz
70
nV/
√Hz
Current Noise Density
in
<1
pA/
√Hz
NOTE
1V
OS is tested under a no load condition.
Specifications subject to change without notice.
(VS =
5.0 V, TA = +25 C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com