Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP186 Datasheet(PDF) 2 Page - Analog Devices

Part # OP186
Description  5 uA, Rail-to-Rail Output Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP186 Datasheet(HTML) 2 Page - Analog Devices

  OP186 Datasheet HTML 1Page - Analog Devices OP186 Datasheet HTML 2Page - Analog Devices OP186 Datasheet HTML 3Page - Analog Devices OP186 Datasheet HTML 4Page - Analog Devices OP186 Datasheet HTML 5Page - Analog Devices OP186 Datasheet HTML 6Page - Analog Devices OP186 Datasheet HTML 7Page - Analog Devices OP186 Datasheet HTML 8Page - Analog Devices OP186 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV. 0
OP186–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
1
0.8
5
mV
0
°C ≤ T
A
≤ +125°C6
mV
Input Bias Current
IB
37
nA
0
°C ≤ T
A
≤ +125°C10
nA
Input Offset Current
IOS
0.1
2
nA
0
°C ≤ T
A
≤ +125°C5
nA
Input Voltage Range
VCM
0
1.2
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 1.2 V
65
90
dB
0
°C ≤ T
A
≤ +125°C60
dB
Large Signal Voltage Gain
AVO
RL = 1 M
Ω , V
O = 0.3 V to 1.9 V
5
18
V/mV
0
°C ≤ T
A
≤ +125°C
2
V/mV
Offset Voltage Drift
∆V
OS/
∆T
3.5
µV/°C
Bias Current Drift
∆I
B/
∆T
30
pA/
°C
Offset Current Drift
∆I
OS/
∆T
3
pA/
°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 100 k
Ω to GND
2.125
2.16
V
0
°C to +125°C
2.1
V
Output Voltage Low
VOL
RL = 100 k
Ω to V+
25
60
mV
0
°C to +125°C75
mV
Short Circuit Limit
ISC
±500
µA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.2 V to 12 V
78
95
dB
0
°C ≤ T
A
≤ +125°C76
dB
Supply Current/Amplifier
ISY
45
µA
0
°C ≤ T
A ≤ +125°C
5.5
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 100 k
Ω, C
L = 15 pF
60
V/ms
Turn-On Time
AV = 1, VO = 1
17
µs
AV = 20, VO = 1
35
µs
Gain Bandwidth Product
GBP
150
kHz
Phase Margin
Φo
60
Degrees
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
80
nV/
√Hz
Current Noise Density
in
<1
pA/
√Hz
NOTE
1V
OS is tested under a no load condition.
Specifications subject to change without notice.
(VS = +2.2 V, VCM = +1.1 V, TA = +25 C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com