Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP186 Datasheet(PDF) 11 Page - Analog Devices

Part # OP186
Description  5 uA, Rail-to-Rail Output Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP186 Datasheet(HTML) 11 Page - Analog Devices

Back Button OP186 Datasheet HTML 4Page - Analog Devices OP186 Datasheet HTML 5Page - Analog Devices OP186 Datasheet HTML 6Page - Analog Devices OP186 Datasheet HTML 7Page - Analog Devices OP186 Datasheet HTML 8Page - Analog Devices OP186 Datasheet HTML 9Page - Analog Devices OP186 Datasheet HTML 10Page - Analog Devices OP186 Datasheet HTML 11Page - Analog Devices OP186 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
OP186
–11–
REV. 0
SPICE MODEL
* OP186 SPICE Macro-model Typical Values
* 2/98, Ver. 1
* TAM / ADSC
*
* Copyright 1998 by Analog Devices
*
* Refer to “README.DOC” file for License State-
* ment.
Use of this
* model indicates your acceptance of the terms
* and provisions in
* the License Statement.
*
* Node Assignments
*
noninverting input
*
|
inverting input
*
|
|
positive supply
*
|
|
|
negative supply
*
|
|
|
|
output
*|
|
|
|
|
*|
|
|
|
|
.SUBCKT OP186
1
2
99
50 45
*
* INPUT STAGE
*
Q1
4
1 3 PIX
Q2
6
7 5 PIX
RC1
4 50 100E3
RC2
6 50 100E3
RE1
3
8 6.452E3
RE2
5
8 6.452E3
C1
4
6 50E-15
I1
99
8 1E-6
EOS
7
2 POLY(2) (12,98) (73,98) 800E-6 1 1
IOS
1
2 50E-12
V1
99
9 0.9
V2
99 10 0.9
D1
3
9 DX
D2
5 10 DX
*
* CMRR 90dB, ZERO AT 1kHz
*
ECM1 11 98 POLY(2) (1,98) (2,98) 0 .5 .5
RCM1 11 12 1.59E6
CCM1 11 12 100E-12
RCM2 12 98 50
*
* PSRR=100dB, ZERO AT 200Hz
*
RPS1 70
0 1E6
RPS2 71
0 1E6
CPS1 99 70 1E-5
CPS2 50 71 1E-5
EPSY 98 72 POLY(2) (70,0) (0,71) 0 1 1
RPS3 72 73 1.59E6
CPS3 72 73 500E-12
RPS4 73 98 15.9
*
* INTERNAL VOLTAGE REFERENCE
*
EREF 98
0 POLY(2) (99,0) (50,0) 0 .5 .5
GSY
99 50 POLY(1) (99,50) 2E-6 .1E-6
*
* POLE AT 600kHz; ZERO AT 900kHz
*
G1 98 20 (4,6) 11.3E-6
R1 20 98 88.46E3
R2 20 21 176.8E3
C2 21 98 1E-12
*
* GAIN STAGE
*
G4
98 30 (20,98) 19.54E-6
R7
30 98 111.6E6
CF
45 30 32E-12
D3
30 31 DX
D4
32 30 DX
V3
99 31 0.6
V4
32 50 0.6
*
* OUTPUT STAGE
*
M1
45 46 99 99 POX L=2u W=100u
M2
45 47 50 50 NOX L=2u W=98u
EG1 99 46 POLY(1) (98,30) 0.82 1
EG2 47 50 POLY(1) (30,98) 0.79 1
*
* MODELS
*
.MODEL POX PMOS (LEVEL=2, KP=10E-6,
+ VTO=-0.75, LAMBDA=0.01)
.MODEL NOX NMOS (LEVEL=2, KP=17E-6,
+ VTO=0.75,
LAMBDA=0.01)
.MODEL PIX PNP (BF=185,KF=1.6E-12,AF=1)
.MODEL DX D(IS=1E-14)
.ENDS OP186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com