Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP186 Datasheet(PDF) 9 Page - Analog Devices

Part # OP186
Description  5 uA, Rail-to-Rail Output Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP186 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP186 Datasheet HTML 4Page - Analog Devices OP186 Datasheet HTML 5Page - Analog Devices OP186 Datasheet HTML 6Page - Analog Devices OP186 Datasheet HTML 7Page - Analog Devices OP186 Datasheet HTML 8Page - Analog Devices OP186 Datasheet HTML 9Page - Analog Devices OP186 Datasheet HTML 10Page - Analog Devices OP186 Datasheet HTML 11Page - Analog Devices OP186 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
OP186
–9–
REV. 0
CAPACITANCE – pF
0
10
1000
100
5
10
15
20
25
30
35
40
45
50
55
60
65
VS = +5V
VIN = 100mV p-p
AVCL = +1
RL = 100k
TA = +25 C
OS
+OS
Figure 19. Small Signal Overshoot
vs. Load Capacitance
TEMPERATURE – C
–40
3
3.5
4
4.5
5
5.5
6.5
–20
0
20
40
60
80 100 120 140
6
VS = +2.7V
VS = +2.2V
VS = 5V
VS = 5V
VS = +5V
Figure 22. Bias Current vs.
Temperature
500mV
100 s
VS = +2.7V
AV = +1
RL = 100k
CL = 50pF
TA = +25 C
Figure 25. Large Signal Transient
Response
FREQUENCY – Hz
10
2
100
1k
10k
100k
3
0
1
VS = +2.7V
VIN = 2V p-p
AVCL = +1
RL =
TA = +25 C
Figure 20. Maximum Output Swing
vs. Frequency
SUPPLY VOLTAGE –
V
6
3
0
0 0.5
5
4
2
1
5.5
4.5
3.5
2.5
1.5
0.5
1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
TA = +25 C
Figure 23. Supply Current vs. Supply
Voltage
1.0V
100 s
VS = +5V
AV = +1
RL = 100k
CL = 50pF
TA = +25 C
Figure 26. Large Signal Transient
Response
FREQUENCY – Hz
5
10
2
100
1k
10k
100k
3
0
1
4
VS = +5V
VIN = 4V p-p
AVCL = +1
RL =
TA = +25 C
Figure 21. Maximum Output Swing
vs. Frequency
COMMON MODE VOLTAGE – V
2
0 0.5
2.25
1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
VS = +5V
RL =
TA = +25 C
2.5
2.75
3
3.25
3.5
3.75
4
4.25
4.5
Figure 24. Supply Current vs.
Common-Mode Voltage
50mV
100 s
VS = 1.35V
AV = +1
RL = 100k
CL = 50pF
TA = +25 C
Figure 27. Small Signal Transient
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com