Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP491 Datasheet(PDF) 8 Page - Analog Devices

Part # OP491
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP491 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP491 Datasheet HTML 4Page - Analog Devices OP491 Datasheet HTML 5Page - Analog Devices OP491 Datasheet HTML 6Page - Analog Devices OP491 Datasheet HTML 7Page - Analog Devices OP491 Datasheet HTML 8Page - Analog Devices OP491 Datasheet HTML 9Page - Analog Devices OP491 Datasheet HTML 10Page - Analog Devices OP491 Datasheet HTML 11Page - Analog Devices OP491 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
VS = +5V
TEMPERATURE –
°C
0.15
–0.1
125
0.05
–0.05
25
0
–40
0.10
85
VCM = 0V
VCM = +5V
Figure 22. Input Offset Voltage vs.
Temperature, VS = +5 V
36
–36
5
–18
–30
–24
0
0
–12
–6
6
12
18
30
24
4
3
2
1
COMMON MODE INPUT VOLTAGE – Volts
VS = +5V
Figure 25. Input Bias Current vs.
Common-Mode Voltage,
VS = +5 V
VS = +5V
TEMPERATURE –
°C
140
0
125
60
20
25
40
–40
120
80
100
85
RL = 2k, VCM = 0V
RL = 100k, VCM = 5V
RL = 100k, VCM = 0V
RL = 2k, VCM = 5V
Figure 28. Open-Loop Gain vs.
Temperature, VS = +5 V
–8–
REV. 0
OP191/OP291/OP491–Typical Performance Characteristics
Figure 20. OP291 Input Offset Volt-
age Distribution, VS = +5 V
VS = +5V
TEMPERATURE –
°C
40
–40
125
–20
–30
25
–40
0
–10
10
20
30
85
+IB
–IB
–IB
+IB
VCM = 5V
VCM = 0V
Figure 23. Input Bias Current vs.
Temperature, VS = +5 V
VS = +5V
TEMPERATURE –
°C
5.00
4.70
125
4.85
4.75
25
4.80
–40
4.95
4.90
85
RL = 100k
RL = 2k
Figure 26. Output Voltage Swing vs.
Temperature, VS = +5 V
120
0
7.0
60
20
1.0
40
0
100
80
6.0
5.0
4.0
3.0
2.0
INPUT OFFSET VOLTAGE – µV/
°C
VS = +5V
–40
°C < T
A < +125°C
BASED ON 600 OP AMPS
Figure 21. OP291 Input Offset Volt-
age Drift Distribution, VS = +5 V
1.6
–0.2
125
0.2
0
25
–40
0.6
0.4
0.8
1.0
1.2
1.4
85
TEMPERATURE –
°C
VS = +5V
VCM = 0V
VCM = 5V
Figure 24. Input Offset Current vs.
Temperature, VS = +5 V
160
100
60
–40
1k
10k
100k
1M
10M
80
100
120
140
–20
0
20
40
VS = +5V
TA = +25°C
45
270
0
225
180
135
90
FREQUENCY – Hz
Figure 27. Open-Loop Gain & Phase
vs. Frequency, VS = +5 V
INPUT OFFSET VOLTAGE – mV
70
0
.50
30
10
20
–.50
60
40
50
.30
.10
–.10
–.30
VS = +5V
TA = +25°C
BASED ON 600
OP AMPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com