Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP491 Datasheet(PDF) 9 Page - Analog Devices

Part # OP491
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP491 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP491 Datasheet HTML 5Page - Analog Devices OP491 Datasheet HTML 6Page - Analog Devices OP491 Datasheet HTML 7Page - Analog Devices OP491 Datasheet HTML 8Page - Analog Devices OP491 Datasheet HTML 9Page - Analog Devices OP491 Datasheet HTML 10Page - Analog Devices OP491 Datasheet HTML 11Page - Analog Devices OP491 Datasheet HTML 12Page - Analog Devices OP491 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
OP191/OP291/OP491
REV. 0
–9–
50
0
–50
10
100
10M
1M
100k
10k
1k
10
20
30
40
–40
–30
–20
–10
VS = +5V
TA = +25°C
FREQUENCY – Hz
Figure 29. Closed-Loop Gain vs.
Frequency, VS = +5 V
P
160
100
60
1k
10k
100k
1M
10M
80
100
120
140
–20
0
20
40
+PSRR
–PSRR
±PSRR
VS = +5V
TA = +25°C
FREQUENCY – Hz
–40
Figure 32. PSRR vs. Frequency,
VS = +5 V
TEMPERATURE –
°C
20
4
125
8
6
25
–40
12
10
14
16
18
85
+ISC, VS = ±5V
–ISC, VS = ±5V
+ISC, VS = +3V
–ISC, VS = +3V
Figure 35. Short Circuit Current vs.
Temperature, VS = +3 V, +5 V,
±5V
160
100
60
1k
10k
100k
1M
10M
80
100
120
140
–20
0
20
40
CMRR
VS = +5V
TA = +25°C
–40
FREQUENCY – Hz
Figure 30. CMRR vs. Frequency,
VS = +5 V
VS = +5V
TEMPERATURE –
°C
0.6
0
125
0.3
0.1
25
0.2
–40
0.5
0.4
85
+SR
–SR
Figure 33. OP291 Slew Rate vs.
Temperature, VS = +5 V
80
0
2500
20
10
0
40
30
50
60
70
2000
1500
1000
500
VS = ±5V
A
10k
VIN = 10Vp-p @ 1kHz
B
10k
1k
VO
FREQUENCY – Hz
Figure 36. Channel Separation,
VS =
±5 V
TEMPERATURE –
°C
VS = +5V
96
86
125
89
87
25
88
–40
92
90
91
93
94
95
85
Figure 31. CMRR vs. Temperature,
VS = +5 V
TEMPERATURE –
°C
VS = +5V
0.50
0
125
0.15
0.05
25
0.10
–40
0.30
0.20
0.25
0.35
0.40
0.45
85
+SR
–SR
Figure 34. OP491 Slew Rate vs.
Temperature, VS = +5 V
FREQUENCY – kHz
5.0
0
300
1.5
0.5
0.5
1.0
0.1
3.0
2.0
2.5
3.5
4.0
4.5
250
100 150
50 70
200
30
10
1.0
VIN = +4.8Vp-p
VS = +5V
AV = +1
RL = 100k
4 PARTS
Figure 37. Maximum Output Swing
vs. Frequency, VS = +5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com