Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP491 Datasheet(PDF) 1 Page - Analog Devices

Part # OP491
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP491 Datasheet(HTML) 1 Page - Analog Devices

  OP491 Datasheet HTML 1Page - Analog Devices OP491 Datasheet HTML 2Page - Analog Devices OP491 Datasheet HTML 3Page - Analog Devices OP491 Datasheet HTML 4Page - Analog Devices OP491 Datasheet HTML 5Page - Analog Devices OP491 Datasheet HTML 6Page - Analog Devices OP491 Datasheet HTML 7Page - Analog Devices OP491 Datasheet HTML 8Page - Analog Devices OP491 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
OP191/OP291/OP491
GENERAL DESCRIPTION
The OP191, OP291 and OP491 are single, dual and quad
micropower, single-supply, 3 MHz bandwidth amplifiers fea-
turing rail-to-rail inputs and outputs. All are guaranteed to
operate from a 3 volt single supply as well as
±5 volt dual
supplies.
Fabricated on Analog Devices’ CBCMOS process, the OP191
family has a unique input stage that allows the input voltage to
safely extend 10 volts beyond either supply without any phase
inversion or latch-up. The output voltage swings to within
millivolts of the supplies and continues to sink or source
current all the way to the supplies.
Applications for these amplifiers include portable telecom
equipment, power supply control and protection, and interface
for transducers with wide output ranges. Sensors requiring a
rail-to-rail input amplifier include Hall effect, piezo electric,
and resistive transducers.
The ability to swing rail-to-rail at both the input and output
enables designers to build multistage filters in single-supply
systems and maintain high signal-to-noise ratios.
The OP191/OP291/OP491 are specified over the extended
industrial (–40
°C to +125°C) temperature range. The OP191
single and OP291 dual amplifiers are available in 8-pin plastic
DIPs and SO surface mount packages. The OP491 quad is
available in 14-pin DIPs and narrow 14-pin SO packages.
Consult factory for OP491 TSSOP availability.
Micropower Single-Supply
Rail-to-Rail Input/Output Op Amps
OP191/OP291/OP491 PIN CONFIGURATIONS
8-Lead Narrow-Body SO
8-Lead Epoxy DIP
(S Suffix)
(P Suffix)
NC = NO CONNECT
1
2
3
4
8
7
6
5
OP191
OUTA
V+
NC
NC
NC
–INA
+INA
–V
1
2
3
4
8
7
6
5
OP191
8-Lead Narrow-Body SO
8-Lead Epoxy DIP
(S Suffix)
(P Suffix)
1
2
3
4
8
7
6
5
OP291
OUTB
–INB
+INB
+V
OUTA
–INA
+INA
–V
1
2
3
4
8
7
6
5
OP291
14-Lead Epoxy DIP
14-Lead SO
(P Suffix)
(S Suffix)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OP491
OUTD
–IND
+IND
–V
+INC
–INC
OUTC
OUTA
–INA
+INA
+V
+INB
–INB
OUTB
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OP491
OUTD
–IND
+IND
–V
+INC
–INC
OUTC
OUTA
–INA
+INA
+V
+INB
–INB
OUTB
14-Lead
TSSOP
(RU Suffix)
1
2
5
6
7
3
4
14
13
10
9
8
12
11
OP491
FEATURES
Single-Supply Operation: 2.7 V to 12 V
Wide Input Voltage Range
Rail-to-Rail Output Swing
Low Supply Current: 300
µA/Amp
Wide Bandwidth: 3 MHz
Slew Rate: 0.5 V/
µs
Low Offset Voltage: 700
µV
No Phase Reversal
APPLICATIONS
Industrial Process Control
Battery Powered Instrumentation
Power Supply Control and Protection
Telecom
Remote Sensors
Low Voltage Strain Gage Amplifiers
DAC Output Amplifier


Similar Part No. - OP491

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP491 AD-OP491 Datasheet
605Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
OP491 AD-OP491 Datasheet
908Kb / 88P
MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
OP491 AD-OP491 Datasheet
561Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
OP491G AD-OP491G Datasheet
605Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
OP491GBC AD-OP491GBC Datasheet
605Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
More results

Similar Description - OP491

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8186 INTERSIL-EL8186 Datasheet
497Kb / 9P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
August 23, 2005
ISL28276 INTERSIL-ISL28276 Datasheet
530Kb / 12P
Dual Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op-Amps
June 23, 2006
EL8176 INTERSIL-EL8176_06 Datasheet
476Kb / 13P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
October 26, 2006
logo
Analog Devices
OP191 AD-OP191_06 Datasheet
605Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
logo
Intersil Corporation
EL8176 INTERSIL-EL8176 Datasheet
1Mb / 18P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188 Datasheet
590Kb / 14P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
May 29, 2009
logo
Analog Devices
OP191 AD-OP191_15 Datasheet
562Kb / 24P
eMicropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
OP291 AD-OP291_15 Datasheet
562Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
OP491 AD-OP491_15 Datasheet
562Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
logo
Renesas Technology Corp
EL8176 RENESAS-EL8176 Datasheet
1Mb / 16P
Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com