Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP491 Datasheet(PDF) 11 Page - Analog Devices

Part # OP491
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP491 Datasheet(HTML) 11 Page - Analog Devices

Back Button OP491 Datasheet HTML 7Page - Analog Devices OP491 Datasheet HTML 8Page - Analog Devices OP491 Datasheet HTML 9Page - Analog Devices OP491 Datasheet HTML 10Page - Analog Devices OP491 Datasheet HTML 11Page - Analog Devices OP491 Datasheet HTML 12Page - Analog Devices OP491 Datasheet HTML 13Page - Analog Devices OP491 Datasheet HTML 14Page - Analog Devices OP491 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
OP191/OP291/OP491
REV. 0
–11–
160
100
60
1k
10k
100k
1M
10M
80
100
120
140
–20
0
20
40
CMRR
VS = ±5V
TA = +25°C
FREQUENCY – Hz
–40
Figure 47. CMRR vs. Frequency,
VS = ±5V
VS = ±5V
TEMPERATURE –
°C
115
90
125
105
95
25
100
–40
110
85
OP491
OP291
Figure 50. OP291/OP491 PSRR vs.
Temperature, VS = ±5V
TEMPERATURE –
°C
VS = ±5V
102
92
125
95
93
25
94
–40
98
96
97
99
100
101
85
Figure 48. CMRR vs. Temperature,
VS = ±5V
VS = ±5V
TEMPERATURE –
°C
0.7
0
125
0.3
0.1
25
0.2
–40
0.6
0.4
0.5
85
+SR
–SR
Figure 51. Slew Rate vs.
Temperature, VS = ±5V
160
100
60
–40
1k
10k
100k
1M
10M
80
100
120
140
–20
0
20
40
+PSRR
–PSRR
±PSRR
VS = ±5V
TA = +25°C
FREQUENCY – Hz
Figure 49. PSRR vs. Frequency,
VS = ±5V
1k
500
0
100
1k
10M
1M
100k
10k
600
700
800
900
100
200
300
400
VS = +3V
TA = +25°C
AVCL = 100
AVCL = 10
AVCL = +1
FREQUENCY – Hz
Figure 52. Output Impedance vs.
Frequency
10
100
0%
90
100mV
1.00V
2.00µs
2.00V
VS = ±5V
RL = 200kΩ
AV = +1V/V
INPUT
OUTPUT
Figure 54. Large Signal Transient
Response, VS = ±5 V
10
100
0%
90
100mV
500mV
1.00V
VS = +3V
RL = 200kΩ
2.00µs
INPUT
OUTPUT
Figure 53. Large Signal Transient
Response, VS = +3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com