Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2120 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2120
Description  Dynamic Range Processors/Dual VCA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2120 Datasheet(HTML) 1 Page - Analog Devices

  SSM2120 Datasheet HTML 1Page - Analog Devices SSM2120 Datasheet HTML 2Page - Analog Devices SSM2120 Datasheet HTML 3Page - Analog Devices SSM2120 Datasheet HTML 4Page - Analog Devices SSM2120 Datasheet HTML 5Page - Analog Devices SSM2120 Datasheet HTML 6Page - Analog Devices SSM2120 Datasheet HTML 7Page - Analog Devices SSM2120 Datasheet HTML 8Page - Analog Devices SSM2120 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAM
SIGNAL
OUT
CURRENT
MIRRORS
–VC
+VC
V+
V+
V+
SIGNAL
INPUT
36k
Ω
36k
Ω
V+
V–
IREF
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Dynamic Range
Processors/Dual VCA
SSM2120/SSM2122
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
GENERAL DESCRIPTION
The SSM2120 is a monolithic integrated circuit designed for the
purpose of processing dynamic signals in various analog systems
including audio. This “dynamic range processor” consists of two
VCAs and two level detectors (the SSM2122 consists of two
VCAs only). These circuit blocks allow the user to logarithmically
control the gain or attenuation of the signals presented to the
level detectors depending on their magnitudes. This allows the
compression, expansion or limiting of ac signals, some of the
primary applications for the SSM2120.
FEATURES
0.01% THD at +10 dBV In/Out
100 dB VCA Dynamic Range
Low VCA Control Feedthrough
100 dB Level Detection Range
Log/Antilog Control Paths
Low External Component Count
APPLICATIONS
Compressors
Expanders
Limiters
AGC Circuits
Voltage-Controlled Filters
Noise Reduction Systems
Stereo Noise Gates
PIN CONNECTIONS
22-Pin Plastic DIP
(P Suffix)
16-Pin Plastic DIP
(P Suffix)
13
16
15
14
22
21
20
19
18
17
12
TOP VIEW
(Not to Scale)
11
10
9
8
1
2
3
4
7
6
5
SSM2120
THRESH 1
+VC2
SIGOUT 2
V+
GND
LOG AV 1
CONOUT 1
SIGOUT 1
SIGIN 2
–VC2
CFT 2
+VC1
CFT 1
–VC1
SIGIN 1
RECIN 1
IREF
LOG AV 2
CONOUT 2
RECIN 2
V–
THRESH 2
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
SSM2122
GND
+VC2
SIGOUT 2
V+
GND
SIGOUT 1
+VC1
CFT 1
SIGIN 2
–VC2
CFT 2
–VC1
SIGIN 1
IREF
V–
GND


Similar Part No. - SSM2120

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2120 AD-SSM2120 Datasheet
120Kb / 12P
DYNAMIC RANGE PROCESSOR DUAL VCA
5/90, Rev. B1
SSM2120 AD-SSM2120_15 Datasheet
120Kb / 12P
DYNAMIC RANGE PROCESSOR DUAL VCA
5/90, Rev. B1
More results

Similar Description - SSM2120

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2105ATS PHILIPS-CGY2105ATS Datasheet
83Kb / 16P
High dynamic range dual LNA MMIC
1999 Dec 23
CGY2106TS PHILIPS-CGY2106TS Datasheet
94Kb / 16P
High dynamic range dual LNA MMIC
2000 Aug 28
logo
List of Unclassifed Man...
PDA381 ETC-PDA381 Datasheet
177Kb / 4P
DUAL LOW NOISE VCA
logo
DAICO Industries, Inc.
CATV2226 DAICO-CATV2226 Datasheet
149Kb / 1P
VCA
logo
WJ Communication. Inc.
AH11 WJCI-AH11 Datasheet
317Kb / 6P
High Dynamic Range Dual Amplifier
logo
Analog Devices
SSM2120 AD-SSM2120_15 Datasheet
120Kb / 12P
DYNAMIC RANGE PROCESSOR DUAL VCA
5/90, Rev. B1
SSM2122 AD-SSM2122_15 Datasheet
120Kb / 12P
DYNAMIC RANGE PROCESSOR/DUAL VCA
5/90, Rev. B1
logo
TriQuint Semiconductor
AH11-G TRIQUINT-AH11-G_15 Datasheet
563Kb / 7P
High Dynamic Range Dual Amplifier
logo
Curtis Electromusic.
CEM3381 CES-CEM3381 Datasheet
876Kb / 2P
DUAL LOW NOISE VCA
logo
JSC ALFA.
AS3360 ALFA-AS3360 Datasheet
396Kb / 3P
Dual Voltage Controlled Amplifier (VCA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com