Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2120 Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2120
Description  Dynamic Range Processors/Dual VCA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2120 Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2120 Datasheet HTML 4Page - Analog Devices SSM2120 Datasheet HTML 5Page - Analog Devices SSM2120 Datasheet HTML 6Page - Analog Devices SSM2120 Datasheet HTML 7Page - Analog Devices SSM2120 Datasheet HTML 8Page - Analog Devices SSM2120 Datasheet HTML 9Page - Analog Devices SSM2120 Datasheet HTML 10Page - Analog Devices SSM2120 Datasheet HTML 11Page - Analog Devices SSM2120 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SSM2120/SSM2122
REV. C
–9–
Figures 13a–c show the filter’s 3 dB frequency response with the
threshold potentiometer at V+, centered, and V–. Data was
taken by applying a 300 Hz signal to the wideband detector and
a 20 kHz signal to the high-frequency band detector simultane-
ously. These figures correspond to filter characteristics for
50 dB, 70 dB and 90 dB dynamic range program source
material, respectively. The system could thus treat signals from
anything ranging from 1/4" magnetic tape to high performance
compact disc players.
Note that in Figure 13a the control circuit is designed so that
the minimum cutoff frequency is about 1 kHz. This occurs as
the control circuit detects the noise floor of the source material.
Dynamic filtering limits the signal bandwidth to less than 1 kHz
unless enough highs are detected in the signal to cover the noise
floor in the mid- and high frequency range. In this case the filter
opens to pass more of the audio band as more highs are detected.
The filter’s bandwidth can extend to 50 kHz with a nominal
signal level at the input. At other signal levels with varying high
frequency content, the filter will close to the required band-
width. Here, noise outside the band is removed while the
perceived noise is masked by other signals within the band.
Even in this system, however, a certain amount of mid- and high
frequency components will be lost, especially during transients
at very low signal levels. This circuit does not address low
frequency noise such as “hum” and “rumble.”
WIDEBAND SIGNAL LEVEL – dB
–50
–40
–30
–20
–10
0
10
20
20
–20
–30
–40
–50
0
–10
10
1.0
1.0
1.0
1.0
1.0
1.1
1.1
1.1
1.0
1.0
1.2
1.7
2.4
2.4
2.4
1.9
2.75
3.9
5.5
5.5
5.5
6
8.3
11.7
11.7
11.7
17.8
26
26
26
50.6
50.6
50.6
50.6
50.6
50.6
a. VTHRESH at V+
WIDEBAND SIGNAL LEVEL – dB
–50
–40
–30
–20
–10
0
10
20
20
–20
–30
–40
–50
0
–10
10
1.5
2.2
3.1
4.2
4.2
4.2
4.2
4.2
4.9
7.1
10
10
10
10
10
15.1
22
22
22
22
22
48
49.2
49.2
49.2
49.2
50.6
50.6
50.6
50.6
50.6
50.6
50.6
50.6
50.6
50.6
b. VTHRESH Centered
WIDEBAND SIGNAL LEVEL – dB
–50
–40
–30
–20
–10
0
10
20
20
–20
–30
–40
–50
0
–10
10
12.3
17.3
17.8
17.8
17.8
17.8
17.8
17.8
40
41
41
41
41
41
41
50.6
50.6
50.6
50.6
50.6
50.6
50.6
50.6
50.6
50.6
50.6
50.6
50.6
50.6
50.6
50.6
50.6
50.6
50.6
50.6
50.6
c. VTHRESH at V–
Figure 13. 3 dB Filter Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com