Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2120 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2120
Description  Dynamic Range Processors/Dual VCA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2120 Datasheet(HTML) 3 Page - Analog Devices

  SSM2120 Datasheet HTML 1Page - Analog Devices SSM2120 Datasheet HTML 2Page - Analog Devices SSM2120 Datasheet HTML 3Page - Analog Devices SSM2120 Datasheet HTML 4Page - Analog Devices SSM2120 Datasheet HTML 5Page - Analog Devices SSM2120 Datasheet HTML 6Page - Analog Devices SSM2120 Datasheet HTML 7Page - Analog Devices SSM2120 Datasheet HTML 8Page - Analog Devices SSM2120 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SSM2120/SSM2122
REV. C
–3–
2V
FULL
WAVE
RECTIFIER
|IIN|
V+
THRESH 2
LOG AV 2
V–
CONOUT 2
RECIN 2
+VC1
CFT 1
–VC1
INPUT 1
OUTPUT 1
+VC2
CFT 2
–VC2
INPUT 2
OUTPUT 2
SSM2122
2V
FULL
WAVE
RECTIFIER
|IIN|
V+
THRESH 1
LOG AV 1
V–
CONOUT 1
RECIN 1
Figure 1. SSM2120 Block Diagram
VCA PERFORMANCE
Figures 2a and 2b show the typical THD and noise performance
of the VCAs over
±20 dB gain/attenuation. Full Class A operation
provides very low THD.
GAIN – dB
0.03
0.01
–20
20
–10
0
10
0.003
a. VCA THD Performance vs. Gain
(+10 dBV In/Out @ 1 kHz)
GAIN – dB
–70
–80
–20
20
–10
0
10
–90
b. VCA Noise vs. Gain (20 kHz Bandwidth)
Figure 2. Typical THD and Noise Performance
VOLTAGE-CONTROLLED AMPLIFIERS
The two voltage-controlled amplifiers are full Class A current
in/current out devices with complementary dB/V gain control
ports. The control sensitivities are +6 mV/dB and –6 mV/dB. A
resistor divider (attenuator) is used to adapt the sensitivity of an
external control voltage to the range of the control port. It is
best to use 200
Ω or less for the attenuator resistor to ground.
VCA INPUTS
The signal inputs behave as virtual grounds. The input current
compliance range is determined by the current into the reference
current pin.
REFERENCE PIN
The reference current determines the input and output current
compliance range of the VCAs. The current into the reference
pin is set by connecting a resistor to V+. The voltage at the
reference pin is about two volts above V– and the current will be
I
REF =
[(V
+)–((V –)+ 2V )]
R
REF
The current consumption of the VCAs will be directly pro-
portional to IREF which is nominally 200 µA. The device will
operate at lower current levels which will reduce the effective
dynamic range of the VCAs. With a 200
µA reference current,
the input and output clip points will be
± 400 µA. In general:
ICLIP = ± 2 IREF
VCA OUTPUTS
The VCA outputs are designed to interface directly with the virtual
ground inputs of external operational amplifiers configured as
current-to-voltage converters. The outputs must operate at virtual
ground because of the output stage’s finite output impedance.
The power supplies and selected compliance range determines
the values of input and output resistors needed. As an example,
with
±15 V supplies and ±400 µA maximum input and output
current, choose RIN = ROUT = 36 k
Ω for an output compliance
range of
±14.4 V. Note that the signal path through the VCA
including the output current-to-voltage converter is noninverting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com