Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2120 Datasheet(PDF) 10 Page - Analog Devices

Part # SSM2120
Description  Dynamic Range Processors/Dual VCA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2120 Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM2120 Datasheet HTML 4Page - Analog Devices SSM2120 Datasheet HTML 5Page - Analog Devices SSM2120 Datasheet HTML 6Page - Analog Devices SSM2120 Datasheet HTML 7Page - Analog Devices SSM2120 Datasheet HTML 8Page - Analog Devices SSM2120 Datasheet HTML 9Page - Analog Devices SSM2120 Datasheet HTML 10Page - Analog Devices SSM2120 Datasheet HTML 11Page - Analog Devices SSM2120 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SSM2120/SSM2122
REV. C
–10–
V+
LOG AV
V–
SIGNAL
INPUT
SIGNAL
OUTPUT
160k
Ω
IN |IIN|
RECIN
39k
Ω
1.5M
Ω
1k
Ω
CAV1
V–
+VC
–VC
2200pF
47
Ω
36k
Ω
36k
Ω
100pF
12k
Ω
CONOUT
V–
200
Ω
200
Ω
THRESHOLD
160k
Ω
39k
Ω
1k
Ω
CONOUT
V–
FC ≤ 20Hz
36k
Ω
5.6k
Ω
36k
Ω
RIN1
V+
V+
LOG AV
IN |IIN|
RECIN
1.5M
Ω
CAV2
V–
FC = 5Hz
RIN2
36k
Ω
+VC
–VC
36k
Ω
200
Ω
200
Ω
12k
Ω
2200pF
47
Ω
DOWNWARD EXPANDER
Figure 14. Dynamic Filter with Downward Expander
DYNAMIC FILTER WITH DOWNWARD EXPANDER
A composite single-ended noise reduction system can be
realized by a combination of dynamic filtering and a downward
expander. As shown in Figure 14, the output from the wideband
detector can also be connected to the +VC control port of the
second VCA which is connected in series with the sliding filter.
This will act as a downward expander with a threshold that
tracks that of the filter. Although both of these techniques are
used for noise reduction, each alone will pass appreciable
amounts of noise under some conditions. When used together,
both contribute distinct advantages while compensating for each
other’s deficiencies.
Downward expansion uses a VCA controlled by the level
detector. This section maintains dynamic range integrity for all
levels above the user adjustable threshold level. As the input
level decreases below the threshold, gain reduction occurs at an
increasing rate (see Figure 15). This technique reduces audible
noise in fade outs or low level signal passages by keeping the
standing noise floor well below the program material.
This technique by itself is less effective for signals with
predominantly low frequency content such as a bass solo where
wideband frequency noise would be heard at full level. Also,
since the level detector has a time constant for signal averaging,
percussive material can modulate the noise floor causing a
“pumping” or “breathing” effect.
The dynamic filter and downward expander techniques used
together can be employed more subtly to achieve a given level of
noise reduction than would be required if used individually. Up
to 30 dB of noise reduction can be realized while preserving the
crisp highs with a minimum of transient side effects.
+20
–30
–40
–50
–60
+20
–30
–45
–60
–75
Figure 15. Typical Downward Expander I/O Characteristics
at –30 dB Threshold Level (1:1.5 Ratio)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com