Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2163 Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2163
Description  Digitally Controlled 8 x 2 Audio Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2163 Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2163 Datasheet HTML 2Page - Analog Devices SSM2163 Datasheet HTML 3Page - Analog Devices SSM2163 Datasheet HTML 4Page - Analog Devices SSM2163 Datasheet HTML 5Page - Analog Devices SSM2163 Datasheet HTML 6Page - Analog Devices SSM2163 Datasheet HTML 7Page - Analog Devices SSM2163 Datasheet HTML 8Page - Analog Devices SSM2163 Datasheet HTML 9Page - Analog Devices SSM2163 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SSM2163
REV. 0
–6–
PIN DESCRIPTION
Pin #
Mnemonic
Function
1
DGND
Digital Ground.
2VSS
Digital Negative Supply.
3
DATA OUT
Serial data output clocked on positive clock edge. Connect DATA OUT to DATA IN pin to
daisy-chain multiple SSM2163s. Output levels are VDD to DGND.
4VDD
Digital Positive Supply.
5VIN1
Audio Signal Input 1.
6
NC (Shield)
Shield Pin. Should be tied to AGND to minimize crosstalk.
7VIN3
Audio Signal Input 3.
8
NC (Shield)
Shield Pin. Should be tied to AGND to minimize crosstalk.
9VIN5
Audio Signal Input 5.
10
VCC
Analog Positive Supply.
11
VIN7
Audio Signal Input 7.
12
VEE
Analog Negative Supply.
13
ACOM
Analog Common Voltage. Provides a buffered voltage output halfway between VCC and VEE for use
as a pseudo ground in single supply applications.
14
VOUTL
Left Audio Output.
15
VOUTR
Right Audio Output.
16
VIN8
Audio Signal Input 8.
17
AGND
Analog Ground.
18
VIN6
Audio Signal Input 6.
19
NC (Shield)
Shield Pin. Should be tied to AGND to minimize crosstalk.
20
VIN4
Audio Signal Input 4.
21
NC (Shield)
Shield Pin. Should be tied to AGND to minimize crosstalk.
22
VIN2
Audio Signal Input 2.
23
NC (Shield)
Shield Pin. Should be tied to AGND to minimize crosstalk.
24
LD
Load Data.
25
WRITE
Write Data.
26
CLK
Clock.
27
Data In
Serial Data Input. Clocked on positive clock edge.
28
SYSTEM MUTE
Mutes all eight input channels thus left and right audio output are muted. System mute does not
change the state of internal latches. All digital data remains intact after system mute is applied.
Logic One: Mutes Output
Logic Zero: Normal Operation
DATA
ATTENUATION
0
0
0
1
1
1
0
0
0
0
0
0
0
0
0
0
0
1
0
1
0
1
1
1
1
1
1
1
1
1
0
1
1
1
0
1
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
0dB
–1dB
–2dB
–61dB
–62dB
–63dB
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
INPUT CHANNEL 1
INPUT CHANNEL 2
INPUT CHANNEL 3
INPUT CHANNEL 4
INPUT CHANNEL 5
INPUT CHANNEL 6
INPUT CHANNEL 7
INPUT CHANNEL 8
DATA MODE
ADDRESS MODE
DATA
ADDRESS
SELECTION
X = “DON’T CARE," SHADED AREA IS DATA
MSB
LSB
MSB
LSB
X
X
X
X
X
X
X
X
R
I
G
H
T
L
E
F
T
OUTPUT SELECT
1 = SELECTED, 0 = NOT SELECTED
INPUT SELECT
0
0
0
0
1
1
1
1
Figure 3. Address and Data Decoding Truth Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com