Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2163 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2163
Description  Digitally Controlled 8 x 2 Audio Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2163 Datasheet(HTML) 1 Page - Analog Devices

  SSM2163 Datasheet HTML 1Page - Analog Devices SSM2163 Datasheet HTML 2Page - Analog Devices SSM2163 Datasheet HTML 3Page - Analog Devices SSM2163 Datasheet HTML 4Page - Analog Devices SSM2163 Datasheet HTML 5Page - Analog Devices SSM2163 Datasheet HTML 6Page - Analog Devices SSM2163 Datasheet HTML 7Page - Analog Devices SSM2163 Datasheet HTML 8Page - Analog Devices SSM2163 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Digitally Controlled
8
2 Audio Mixer
SSM2163
FEATURES
Each of 8 Inputs Can Be Assigned to Either or Both
Outputs
Voltage Inputs and Outputs – No Need For External
Amplifiers
Each Input Provides 63 dB of Attenuation in 1 dB Steps,
Plus Mute
–82 dBu Signal-to-Noise Ratio (0 dBu = 0.775 V rms)
+10 dBu of Headroom
0.007% THD+N (Unity Gain, @ 1 kHz, 0 dBu)
Power-Up/System Mute Feature
Industry-Standard 3-Wire Serial Interface
Data Out Terminal Permits Daisy Chaining of Multiple
SSM2163s
Single or Dual Supply Operation
28-Pin Plastic DIP and SOIC Package
APPLICATIONS
Multimedia System Mixing
Audio Mixing Consoles
Broadcast Equipment
Intercom/Paging Systems
Musical Instruments
GENERAL DESCRIPTION
The SSM2163 provides eight audio inputs, each of which can
be mixed under digital control to a stereo output. Each input
channel can be attenuated up to 63 dB in 1 dB intervals, plus
fully muted. Additionally, any input can be assigned to either or
both outputs. A standard 3-wire serial interface is employed,
plus a Data Out terminal to facilitate daisy chaining of multiple
mixer ICs. No external components are required for normal
operation.
Excellent audio performance is attained. The SSM2163 has a
signal-to-noise ratio of –82 dBu (0 dBu = 0.775 V rms), with
10 dBu of headroom resulting in total dynamic range of 92 dBu.
Total harmonic distortion plus noise is 0.007% at 1 kHz with all
levels set at unity gain.
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
The SSM2163 can be operated from single (+5 V to +14 V) or
dual (
±4 V to ±7 V) supplies, and is housed in 28-pin plastic
DIP and SOIC packages.
The SSM2163 is an ideal companion product to the Analog
Devices family of stereo codecs in high performance multi-
media systems requiring mixing of multiple signals.
SIMPLIFIED BLOCK DIAGRAM
VIN1
DCA
VIN2
DCA
VIN3
DCA
VIN4
DCA
VIN5
DCA
VIN6
DCA
VIN7
DCA
VIN8
DCA
OUTPUT
SWITCHING
NETWORK
VOLTAGE
REFERENCE
GENERATOR
VCC
VEE
ACOM
AGND
VOUTL
VOUTR
SHIFT
REGISTER
AND
ADDRESS
DECODER
SYSTEM MUTE
DATA OUT
CLK
DATA
LD
WRITE
DGND
VDD
VSS
SSM2163
DCA: DIGITALLY CONTROLLED ATTENUATOR


Similar Part No. - SSM2163

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2163 AD-SSM2163 Datasheet
215Kb / 16P
Digitally Controlled 8 3 2 Audio Mixer
REV. 0
SSM2163 AD-SSM2163_15 Datasheet
215Kb / 16P
Digitally Controlled 8 3 2 Audio Mixer
REV. 0
More results

Similar Description - SSM2163

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
97Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7343 STMICROELECTRONICS-TDA7343 Datasheet
100Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7348 STMICROELECTRONICS-TDA7348 Datasheet
193Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1994
TDA7437N STMICROELECTRONICS-TDA7437N Datasheet
139Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Oct-2003
TDA7342 STMICROELECTRONICS-TDA7342_06 Datasheet
221Kb / 20P
Digitally controlled audio processor
20-Nov-2006
TDA7348 STMICROELECTRONICS-TDA7348_07 Datasheet
220Kb / 20P
Digitally controlled audio processor
26-Jan-2007
TDA7342EQ2N STMICROELECTRONICS-TDA7342EQ2N Datasheet
222Kb / 21P
Digitally controlled audio processor
03-Aug-2006
TDA7437N STMICROELECTRONICS-TDA7437N_06 Datasheet
353Kb / 34P
Digitally controlled audio processor
Dec-2006
logo
Princeton Technology Co...
PT2037 PTC-PT2037 Datasheet
259Kb / 6P
Digitally Controlled Audio Processor
logo
Analog Devices
SSM2163 AD-SSM2163_15 Datasheet
215Kb / 16P
Digitally Controlled 8 3 2 Audio Mixer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com