Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2163 Datasheet(PDF) 12 Page - Analog Devices

Part # SSM2163
Description  Digitally Controlled 8 x 2 Audio Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2163 Datasheet(HTML) 12 Page - Analog Devices

Back Button SSM2163 Datasheet HTML 8Page - Analog Devices SSM2163 Datasheet HTML 9Page - Analog Devices SSM2163 Datasheet HTML 10Page - Analog Devices SSM2163 Datasheet HTML 11Page - Analog Devices SSM2163 Datasheet HTML 12Page - Analog Devices SSM2163 Datasheet HTML 13Page - Analog Devices SSM2163 Datasheet HTML 14Page - Analog Devices SSM2163 Datasheet HTML 15Page - Analog Devices SSM2163 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SSM2163
REV. 0
–12–
VCC
VDD
AGND
ACOM
DGND
VEE
VSS
SSM2163
TTL/CMOS
LOGIC
CIRCUITS
+5V
POWER
SUPPLY
+5V
GND
10
µF
0.1
µF
0.1
µF
10
µF
+
+
Figure 24. Use Separate Traces to Reduce Power Supply
Noise
Even if the system includes separate analog and digital power
supplies, both the analog and digital power pins of the
SSM2163 should be connected to the analog supply. While this
connection will inject a small amount of digital noise into the
analog ground, the effect is small due to the SSM2163’s low
digital logic input currents and capacitances. If, on the other
hand, the SSM2163’s digital supply pins are connected to a
digital power supply, then noise from the digital supply will be
coupled into the SSM2163 and degrade performance.
APPLICATIONS
An 8-Input, 2-Output Mixer
A single-chip, 8-input, 2-output mixer using the SSM2163 is
shown in Figure 25. With this circuit, any of the eight channels
can be attenuated by 0 dB to –63 dB and mixed into the right,
left, or both outputs under software control.
10µF
10µF
10µF
10µF
10µF
10µF
10µF
10µF
+
+
+
+
+
+
+
+
5
22
7
20
9
18
11
16
27
26
25
24
28
14
15
3
NC
4
10
+5V
+
10µF
0.1µF
LEFT CHANNEL
OUTPUT
RIGHT CHANNEL
OUTPUT
VIN1
VDD
VCC
VOUTL
VOUTR
DATA OUT
SHIELD
SHIELD
SHIELD
SHIELD
SHIELD
AGND
ACOM
DGND
VSS
VEE
212
1
6
8
19
21
23
17
13
10µF
0.1µF
+
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
VIN8
DATA IN
CLK
WRITE
LD
SYSMUTE
SSM2163
INPUT 1 LEFT
INPUT 2 LEFT
INPUT 3 LEFT
INPUT 4 LEFT
INPUT 1 RIGHT
INPUT 2 RIGHT
INPUT 3 RIGHT
INPUT 4 RIGHT
DATA IN
CLOCK
CHIP SELECT
SYSTEM MUTE
Figure 25. An 8-Input, 2-Output Mixer
This circuit demonstrates ac coupling of the inputs. As
previously mentioned, this eliminates level shifting concerns
from previous stages.
The circuit of Figure 25 also demonstrates single +5 V supply
operation. The output of the ACOM supply-splitter, Pin 13,
provides the pseudo-ground reference which is required when
operating from a single supply.
ATTENUATOR
MIXER
SWITCH
CHANNEL
SELECT
MIXER
BUFFER AMP
AGND
MIXER SUMMING
AMPLIFIER
VOUT
VIN
VOUT
VCC
R1
R2
VEE
R1=R2
ACOM
10µF
0.1µF
VEE
Σ
Figure 23. Single-Supply Pseudo-Ground Reference
(ACOM) Generator
For single supply operation, the inputs can either be ac-coupled,
as shown in Figure 25, or referenced to the pseudo-ground out-
put. AC coupling eliminates dc offset and offset drift
differentials between the input source and the SSM2163. In
addition, ac coupling reduces the risk of “clicks” when switching
between multiple dc-coupled inputs which have different
reference levels.
Since the input coupling capacitors are in series with the 10 k
Ω
input of the attenuator, the impedance of these capacitors will
influence low frequency gain. The inexpensive 10
µF aluminum
electrolytic capacitors shown will limit the gain error to 0.66 dB
at 20 Hz.
If the entire system is operating from a single supply, then
typically the input voltage is already referenced to the midpoint
of the supply. In this case, the SSM2163 can be referenced to
the same midpoint reference source, as shown in Figure 22c.
This connection will eliminate dc offset errors caused by having
the input signal common and the SSM2163 analog common
referenced to different voltages. DC offset errors can also be
eliminated, of course, by using the ac coupling technique
discussed above.
Dual-Supply Operation
The SSM2163 will also operate from dual supplies, ranging
from
±4 V to ±7 V. (See Figure 22a.) In this case, input signals
can be referenced to power supply ground. The ACOM output
(Pin 13) is left open (no connection) for dual supply operation.
Supply Decoupling
Optimizing the performance of the SSM2163, or any low noise
device, requires careful attention to power supply decoupling.
Since the SSM2163 can operate from a single +5 V supply, it
seems convenient to simply tap into the digital logic power
supply. Unfortunately, the logic supply is often a switch-mode
design, which generates noise in the 20 kHz to 1 MHz range. In
addition, fast logic gates can generate glitches hundred of millivolts
in amplitude due to wiring resistances and inductances.
If a separate analog power supply is not available, the SSM2163
can be powered directly from the system power supply. Separate
power and ground traces should be provided for the analog
section, if possible. This arrangement, shown in Figure 24, will
isolate the analog section from the logic switching transients.
Even if a separate power supply trace is not available, however,
generous supply bypassing will reduce supply line induced
noise. Local supply bypassing, consisting of a 10
µF tantalum
electrolytic in parallel with a 0.1
µF ceramic capacitor, is
recommended in all applications. (See the SSM2163 Power
Supply Connections figures.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com