Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2163 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2163
Description  Digitally Controlled 8 x 2 Audio Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2163 Datasheet(HTML) 3 Page - Analog Devices

  SSM2163 Datasheet HTML 1Page - Analog Devices SSM2163 Datasheet HTML 2Page - Analog Devices SSM2163 Datasheet HTML 3Page - Analog Devices SSM2163 Datasheet HTML 4Page - Analog Devices SSM2163 Datasheet HTML 5Page - Analog Devices SSM2163 Datasheet HTML 6Page - Analog Devices SSM2163 Datasheet HTML 7Page - Analog Devices SSM2163 Datasheet HTML 8Page - Analog Devices SSM2163 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SSM2163
REV. 0
–3–
Timing Description
Timing
Symbol
Description
Min
Typ
Max
Units
tCL
Input Clock Pulse Width
50
ns
tCH
Input Clock Pulse Width
50
ns
tDS
Data Setup Time
25
ns
tDH
Data Hold Time
35
ns
tCW
Positive CLK Edge to End of Write
25
ns
tWC
Write to Clock Setup Time
35
ns
tLW
End of Load Pulse to Next Write
20
ns
tWL
End of Write to Start of Load
20
ns
tL
Load Pulse Width
250
ns
tW3
Load Pulse Width (3-Wire Mode)
250
ns
tPD
Propagation Delay from Rising
10
80
160
ns
Clock to SDO Transition
(RL = 220 k
Ω, C
L = 20 pF)
NOTES
1. An idle HI (CLK-HI) or idle LO (CLK-LO) clock may be used. Data is latched on the positive
edge.
2. For SPI or microwire three-wire bus operation, tie LD to WRITE and use WRITE pulse to drive
both pins. (This generates an automatic internal LD signal.)
3. If an idle HI clock is used, tCW and tWL are measured from the final negative transition to the idle
state.
4. The first data byte selects an address (MSB HI), and subsequent MSB LO states set gain levels. Re-
fer to the Address/Data Decoding Truth Table.
5. Data must be sent MSB first.
D7
D6
D5
D4
D3
D2
D1
D0
1
0
1
DATA
0
1
0
1
0
1
0
CLK
DATA
tCL
CLK
1
SDO
1
0
tCH
tDS
tDH
tWC
tCW
tPD
tW3
WRITE & LOAD
WRITE & LOAD
Figure 1. Three-Wire Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com