Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2002 Datasheet(PDF) 3 Page - Minilogic Device Corporation Limited

Part # ML2002
Description  Static/Half Duty LCD COG Driver A Gold Bump Chip which can reduce pin count and area
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML2002 Datasheet(HTML) 3 Page - Minilogic Device Corporation Limited

  ML2002_11 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
P3/13
Version 0.6 Preliminary, Sept 2011
ML2002 Preliminary
DC Characteristic
AC Characteristic
VDD = 3.0V; Tamb = 25
oC ; unless otherwise specified
Parameter
Symbol
Condition
MIN
TYP
MAX
Unit
Supplies
Supply voltage
VDD
2.5
-
6.0
V
Supply Current
IDD
Disable Oscillator and
1/2 PVDD opamp
-
0.1
0.5
uA
Supply Current
IDD
Enable Oscillator
-
25
60
uA
Supply Current
IDD
Enable Oscillator and
Internal 1/2 PVDD
opamp
-
80
100
uA
Logic
LOW-level input voltage
VIL
GND
-
0.3*VDD
V
HIGH-level input voltage
VIH
0.7*VDD
-
VDD
V
LOW-level output current
IOL
VOL = 1.0V
1
-
-
mA
HIGH-level output
current
IOH
VOH = 2.0V
-1
-
-
mA
LCD outputs
Output resistance at pads
S1 to S40
RSEG
-
85
150
ohm
Output resistance at pads
COM1A and COM1B
RCOM
-
45
100
ohm
VDD =3.0V; Tamb = 25
oC; unless otherwise specified
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Oscillator frequency at
pad OOUT
foout
21
32
48
kHz
FIN, LOAD, DIN, DCLK
High time
tH
0.4
-
-
us
FIN, LOAD, DIN, DCLK
Low time
tL
0.4
-
-
us
FIN, LOAD, DIN, DCLK
Rise time
tr
-
-
10
us
FIN, LOAD, DIN, DCLK
Fall time
tf
-
-
10
us
DCLK Frequency
FDCLK
1
-
250
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com