Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2002 Datasheet(PDF) 13 Page - Minilogic Device Corporation Limited

Part # ML2002
Description  Static/Half Duty LCD COG Driver A Gold Bump Chip which can reduce pin count and area
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML2002 Datasheet(HTML) 13 Page - Minilogic Device Corporation Limited

Back Button ML2002_11 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 10Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 11Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 12Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 13Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
P13/13
Version 0.6 Preliminary, Sept 2011
ML2002 Preliminary
Example :
Note : COM1A and COM1B shall cover half of the Viewing Area (ie. Area = 1,300mm
2)
Each Common shall not connect to each other.
Version 0.1 – Preliminary
Version 0.2 – Change Alignment mark co-ordinate on page 7
Add application note on page 12
Modify Application Circuit on page 8 – 10.
Updating Feature list on page 1
Updating Functional Description on page 4
Version 0.3 – Change Supply current condition with disable oscillator and internal PVDD opamp
Remove Real time clock in block diagram
Version 0.4 – Add Application Note when glass size area is larger than 2000mm
2 for each COM
Version 0.5 – Add Timing diagram for using large LCD panel
Version 0.6 – Add remark on page 8, for FIN connect to GND if OOUT don’t connect with FIN.
Revision History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com