Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2002 Datasheet(PDF) 11 Page - Minilogic Device Corporation Limited

Part # ML2002
Description  Static/Half Duty LCD COG Driver A Gold Bump Chip which can reduce pin count and area
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML2002 Datasheet(HTML) 11 Page - Minilogic Device Corporation Limited

Back Button ML2002_11 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 10Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 11Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 12Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 13Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
P11/13
Version 0.6 Preliminary, Sept 2011
ML2002 Preliminary
Note : 1. In cascade format of ML2002(ie. ML2002-2U and –3U), one pin is the input of current ML2002
and the other is for the connection with the corresponding input pin of next ML2002.
2. Condition : FIN = 32 KHz Clock.
Pin Description
SYMBOL
PAD
DESCRIPTION
BRES
I
External reset input (active LOW)
LGND
-
Logic Ground
INT
I
Alarm interrupt output
LVDD
-
Logic Supply voltage
MS
I
Input “0”, for slave mode
DIN
I
Data line input
DCLK
I
Data clock input
LAI
I/O
It is an input pin which LOAD the display onto the LCD screen during rising edge.
LAO
O
Send out LOAD signal to the cascade slave ML2002 for displaying data onto LCD
screen.
CEI
I
Enable Chip for receive data/command in the DIN pin
CEO
O
Send out chip enable signal to the following cascade slave IC
DOUT
O
Data output from the display data RAM
CNT
I
Input clock, count number of rising edge clock
Q15
O
Output High on the 16
th clock from CNT
FIN
I
32768Hz Oscillator input
4,2,1Hz
O
4, 2, 1Hz clock output
256/125 Hz
O
125Hz clock output for static/ 250 clock output for 1/2 duty
125/62 Hz
O
62Hz clock output for static/125 clock output for 1/2 duty
LCLK
I
LCD Clock signal frequency
SEG1 .. SEG48
O
Segment output
COM1A / B
O
Common output
PVDD
-
Power VDD supply
1/2 PVDD
I
1/2 PVDD LCD driving voltage
1/2 Duty
I
“1” – Halfduty, “0” – Static
A
CEN
1 ,
B
CEN
1
I
Common Enable. “0” – Enable, “1” – Disable
T0
I
Test mode. “0” – Normal mode, “1” – Testing Mode
OOUT
O
32K internal clock output
COEN
I
Crystal oscillator enable. “0” – Enable, “1” – Disable
IOEN
I
32K internal clock enable. “0” – Enable, “1” – Disable
HPVDDEN
I
1/2 PVDD enable. “0” – Enable, “1” – Disable
BEN
I
Blink control circuit enable “0” – Enable, “1” – Disable
BCLK
I
Blink clock input
OSC+ / -
I
Crystal oscillator input
SYNC
I/O
To synchronize COMMON signal to the following cascade IC
TFI
I
Master mode 2/4 pin interface, “1” - 2pin , “0” - 4pin
SYEN
I
SYNC enable. SYEN is “1” – SYNC output, “0” – SYNC will be high impredence.
TOUT
O
When select 4pin interface, it would output timer data.
DUM1,2,3
-
Dummy Pad, Left it open only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com