Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2002 Datasheet(PDF) 2 Page - Minilogic Device Corporation Limited

Part # ML2002
Description  Static/Half Duty LCD COG Driver A Gold Bump Chip which can reduce pin count and area
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML2002 Datasheet(HTML) 2 Page - Minilogic Device Corporation Limited

  ML2002_11 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML2002_11 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
P2/13
Version 0.6 Preliminary, Sept 2011
ML2002 Preliminary
Absolute Maximum Ratings
Block Diagram
Parameter
Symbol
Condition
MIN
MAX
Unit
Supply voltage
VDD
-0.5
+6.0
V
Supply Current
IDD
VDD = 3V, no Load
-50
+50
mA
Input Voltage
VIN
GND-0.3
VDD +0.3
V
Output Voltage
VOUT
GND-0.3
VDD +0.3
V
DC input Current
IIN
-10
+10
mA
DC output Current
IOUT
-10
+10
mA
Storage temperature
Tstg
-65
+150
oC
Total power dissipation
Ptot
-
400
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com