Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5902 Datasheet(PDF) 10 Page - Linear Technology

Part # LTP5902
Description  2.4 GHz 802.15.4 EternaTM Embedded Network Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5902 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTP5902 Datasheet HTML 6Page - Linear Technology LTP5902 Datasheet HTML 7Page - Linear Technology LTP5902 Datasheet HTML 8Page - Linear Technology LTP5902 Datasheet HTML 9Page - Linear Technology LTP5902 Datasheet HTML 10Page - Linear Technology LTP5902 Datasheet HTML 11Page - Linear Technology LTP5902 Datasheet HTML 12Page - Linear Technology LTP5902 Datasheet HTML 13Page - Linear Technology LTP5902 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
A d v a nce d I n fo rm a t i o n
10
Linear Technology / Dust Networks
Eterna Datasheet
4.0
Operation
In order to provide capabilities and flexibility in addition to ultra low power, Eterna operates in various states, as shown in
Figure 8 and described in this section.
CPU and peripherals
inactive
RESETn low and
FLASH_P_ENn low
lowPowerSleep
Command
Operation
Set RESETn high and
FLASH_P_EN high
for 125 µs, then
set RESETn low
Load Fuse
Settings
Serial Flash
Emulation
Reset
Doze
Deep Sleep
Active
Power-On
Reset
Start Up
Inactive
HW or PMU Event
RESETn low and
FLASH_P_ENn high
VSUPPLY > PoR
De-assert RESETn
Boot
Assert RESETn
Assert RESETn
Assert RESETn
Figure 8
State Diagram – Operating Modes
4.1
Start Up
Start Up occurs as a result of either tripping of the power-on-reset circuit or the assertion of RESETn. After the completion
of power-on-reset (see Section 2.1.1) or the falling edge of an internally synchronized RESETn, Eterna loads its Fuse Table
(see section 4.1.1), including setting I/O direction. In this state, Eterna checks the state of the FLASH_P_ENn and RESETn
and enters the serial flash emulation mode, if both signals are asserted. If the FLASH_P_ENn pin is not asserted but RESETn
is not asserted, Eterna automatically reduces its energy consumption to a minimum until RESETn is released. Once RESETn is de-
asserted, Eterna goes through a boot sequence, and then enters the Active state.
4.1.1
Fuse Table
Eterna’s Fuse Table is a 2 KB page in flash that contains two data structures, one for hardware configuration immediately
following Power on Reset or the assertion of RESETn and one for configuration of design specific parameters. Hardware
support for configuration includes configuration of I/O, preventing I/O leakage from negatively affecting current
consumption during power on, which can be a significant issue for current limited supplies. Examples of design-specific
parameters include setting of UART modes, clock sources and trim values. Fuse Tables are created via the Fuse Table
application software described in 040-0109 Design Specific Configuration Guide. Fuse Tables are loaded into flash using the
same software and in-circuit programmer used to load Eterna’s networking software image – see the 040-0110 Eterna Serial
Programmer Guide for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com