Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5902 Datasheet(PDF) 15 Page - Linear Technology

Part # LTP5902
Description  2.4 GHz 802.15.4 EternaTM Embedded Network Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5902 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTP5902 Datasheet HTML 11Page - Linear Technology LTP5902 Datasheet HTML 12Page - Linear Technology LTP5902 Datasheet HTML 13Page - Linear Technology LTP5902 Datasheet HTML 14Page - Linear Technology LTP5902 Datasheet HTML 15Page - Linear Technology LTP5902 Datasheet HTML 16Page - Linear Technology LTP5902 Datasheet HTML 17Page - Linear Technology LTP5902 Datasheet HTML 18Page - Linear Technology LTP5902 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
A d v a nce d I n fo rm a t i o n
Eterna Datasheet
Linear Technology / Dust Networks
15
63
TIMEn
1*
I
-
Time capture request, active low
* Input signals that must be driven or pulled to a valid state to avoid leakage.
5.3
Power Supply
Eterna is powered from a single pin, VSUPPLY, and generates all required supplies internally. With two integrated DC/DC
converters and four voltage regulators, the sensitivity to noise on VSUPPLY is minimal. However, during typical operation
Eterna will vary its load on the power supply from the
μA range to 10’s of mA over a few μs. During such transients, the
power supply must meet the specifications for supply noise tolerance. Eterna is designed to operate with specific decoupling
capacitance on VCORE, VDDA, VOSC, VDDPA, and VPRIME, as well as the internal converter capacitors C1 through C4.
Failure to use correctly sized ceramic capacitors can result in supply instability and performance degradation.
5.3.1
Antenna
Eterna allows direct connection to a single-ended 50-Ohm antenna; an internal TX/RX switch simplifies external circuitry
requirements. Because both the transmit and the receive paths are single-ended, a balun (with its associated cost and
efficiency loss) are not required. Eterna provides options to set typical output power to 0 dBm or to +8 dBm using the on-chip
PA. For further details on radio transmit and receive, see section 2.4.
5.5
JTAG
Eterna includes an IEEE 1149.1-compliant JTAG port for boundary scan.
6.0
Absolute Maximum Ratings
The absolute maximum ratings shown in Table 3 should not be violated under any circumstances. Permanent damage to the
device may be caused by exceeding one or more of these parameters. Unless otherwise noted, all voltages in Table 3 are
relative to GND.
Table 3
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Units
Comments
Supply voltage (VSUPPLY to GND)
–0.3
3.76
V
Voltage on any digital I/O pin
–0.3
VSUPPLY
+ 0.3
up to 3.76
V
Input RF level
+10
dBm
Input power at antenna connector
Storage temperature range
–55
+105
°C
Extended storage at high
temperature is discouraged, as this
negatively affects the data
retention of Eterna’s calibration
data.
Lead temperature
+245
°C
For 10 seconds
VSWR of antenna
3:1
ESD protection
Antenna pad
±8000
V
HBM
All other pads
±1000
V
HBM
±100
V
CDM
Caution! ESD sensitive device. Precaution should be used when handling the device in order to prevent
permanent damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com