Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5902 Datasheet(PDF) 11 Page - Linear Technology

Part # LTP5902
Description  2.4 GHz 802.15.4 EternaTM Embedded Network Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5902 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTP5902 Datasheet HTML 7Page - Linear Technology LTP5902 Datasheet HTML 8Page - Linear Technology LTP5902 Datasheet HTML 9Page - Linear Technology LTP5902 Datasheet HTML 10Page - Linear Technology LTP5902 Datasheet HTML 11Page - Linear Technology LTP5902 Datasheet HTML 12Page - Linear Technology LTP5902 Datasheet HTML 13Page - Linear Technology LTP5902 Datasheet HTML 14Page - Linear Technology LTP5902 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
A d v a nce d I n fo rm a t i o n
Eterna Datasheet
Linear Technology / Dust Networks
11
4.2
Serial Flash Emulation
When both RESETn and FLASH_P_ENn are asserted, Eterna disables normal operation and enters a mode to emulate the
operation of a serial flash. In this mode, its flash can be programmed with software updates. For details, see Section 2.10.
4.3
Operation
Once Eterna has completed startup, Eterna transitions to the Operational group of states (active / CPU active, active / CPU
inactive, and Doze). There, Eterna cycles between the various states, automatically selecting the lowest power state possible
while fulfilling the demands of network operation.
4.3.1
Active State
In Active state, Eterna’s relaxation oscillator is running and peripherals are enabled as needed. The ARM Cortex-M3 cycles
as needed between CPU-active and CPU-inactive (referred to in the ARM Cortex-M3 literature as “Sleep Now” or “Sleep on
Exit” modes). Eterna’s extensive use of DMA and intelligent peripherals that can independently move Eterna between the
Active and Doze states minimizes the time the CPU is active, significantly reducing Eterna’s energy consumption.
4.3.2
Doze State
The Doze state consumes orders of magnitude less current than the Active state (see Table 6) and is entered when all of the
peripherals, save the low power portion of the timer module, and the CPU are inactive. In the Doze state Eterna’s full state is
retained and Eterna is configured to detect, wake, and rapidly respond to activity on I/Os (such as UART signals and the
TIMEn pin). The Doze state also uses the 32.768-kHz oscillator and 32 kHz based timers are active.
4.4
Duty Cycling and Autonomous Peripherals
Eterna’s ability to quickly and efficiently transition between Doze and Active states, in conjunction with the ability of
peripherals to operate autonomously for most operations (shown in Figure 9), enables the system solution to significantly
reduce power consumption. For example the system can automatically go from Doze to Active and determine if RF energy is
present. The CPU is then only woken if a packet is detected, otherwise Eterna returns to Doze mode.
Figure 9
Low Energy Duty Cycling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com