Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5902 Datasheet(PDF) 27 Page - Linear Technology

Part # LTP5902
Description  2.4 GHz 802.15.4 EternaTM Embedded Network Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5902 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTP5902 Datasheet HTML 21Page - Linear Technology LTP5902 Datasheet HTML 22Page - Linear Technology LTP5902 Datasheet HTML 23Page - Linear Technology LTP5902 Datasheet HTML 24Page - Linear Technology LTP5902 Datasheet HTML 25Page - Linear Technology LTP5902 Datasheet HTML 26Page - Linear Technology LTP5902 Datasheet HTML 27Page - Linear Technology LTP5902 Datasheet HTML 28Page - Linear Technology LTP5902 Datasheet HTML 29Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
A d v a nce d I n fo rm a t i o n
Eterna Datasheet
Linear Technology / Dust Networks
27
10.3
Soldering Information
Eterna is suitable for both eutectic PbSn and RoHS-6 reflow. The maximum reflow soldering temperature is 260 ºC.
11.0
Regulatory and Standards Compliance
LTP5901 is compliant with EU, FCC and IC radio frequency regulations. For specific information on regulations, test
procedures, and labeling requirements, see the “LTP5901 Regulatory User Guide”.
LTP5902 is compliant with EU, FCC and IC radio frequency regulations. For specific information on regulations, test
procedures, and labeling requirements, see the “LTP5902 Regulatory User Guide”.
11.1
Compliance to Restriction of Hazardous Substances (RoHS)
Restriction of Hazardous Substances (RoHS) is a directive that places maximum concentration limits on the use of cadmium
(Cd), lead (Pb), hexavalent chromium (Cr+6), mercury (Hg), Polybrominated Biphenyl (PBB), and Polybrominated Diphenyl
Ethers (PBDE). Dust Networks is committed to meeting the requirements of the European Community directive 2002/95/EC.
This product has been specifically designed to utilize RoHS-compliant materials and to eliminate or reduce the use of
restricted materials to comply with 2002/95/EC.
The RoHS-compliant design features include:
•
RoHS-compliant solder for solder joints
•
RoHS-compliant base metal alloys
•
RoHS-compliant precious metal plating
•
RoHS-compliant cable assemblies and connector choices
•
Lead-free QFN package
•
Halogen-free mold compound
•
RoHS-compliant and 245 °C re-flow compatible
Note: Customers may elect to use certain types of lead-free solder alloys in accordance with the European Community
directive 2002/95/EC. Depending on the type of solder paste chosen, a corresponding process change to optimize reflow
temperatures may be required.
12.0
References
[ 1 ]
IEEE Std. 802.15.4-2006: Wireless Medium Access Control (MAC) and Physical Layer (PHY) Specifications
for Low-Rate Wireless Personal Area Networks (LR-WPANs)
http://standards.ieee.org/getieee802/download/802.15.4-2006.pdf
13.0
Order Information
LEAD FREE FINISH**
PART
MARKING*
PACKAGE
DESCRIPTION
TEMPERATURE
RANGE
LTP5901IPC-IPRA???#PBF
LTP5901
66-Lead (42mm x
24mm) PCB
-40 °C to 85 °C
LTP5902IPC-IPRA???#PBF
LTP5902
66-Lead (37.465mm x
24mm) PCB
-40 °C to 85 °C
** See http://www.linear.com/ or contact your sales representative to determine the three digit software version field, ???.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com