Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4613 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4613
Description  de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology LTM4613 Datasheet HTML 10Page - Linear Technology LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTM8001
11
8001f
For more information www.linear.com/8001
OPERATION
The LTM8001 consists of two major parts: the first is a
standalonenonisolatedstep-downswitchingDC/DCpower
converter that can deliver up to 5A of output current. The
second part is an array of five parallelable 1.1A LDOs. The
DC/DC converter provides a precisely regulated output
voltage programmable via one external resistor from 1.2V
to 24V. The input voltage range is 6V to 36V. Given that it
is a step-down converter, make sure that the input volt-
age is high enough to support the desired output voltage
and load current. The linear regulator array consists of
five low drop-out regulators, of which three inputs are
dedicated to the buck converter’s output (VOUT0) and two
tie to an undedicated input (VIN45). Each individual linear
regulator may be set to a unique voltage through its SET
pin, or may be paralleled with other LDOs by tying their
respective SET and VOUT pins together.
TheLTM8001step-downswitchingconverterutilizesfixed
frequency, average current mode control to accurately
regulate the output current. This results in a constant-
voltage, constant-current output characteristic, making
the LTM8001’s step-down regulator well suited for many
supercapacitorandbatterychargingapplications.Asshown
intheTypicalPerformanceCharacteristics,thecurrentlimit
works in both directions. The control loop will regulate the
current in the internal inductor. Once the VOUT0 output has
reached the regulation voltage determined by the resistor
fromtheFBOpintoground,thevoltageregulationloopwill
reduce the output current and maintain the output voltage.
The ILIM input may be used to set the maximum allowable
current output of the LTM8001. The analog control range
of the ILIM pin is from 0V to 1.5V. If the ILIM pin is raised
above 1.5V, there is little or no effect.
The RUN pin functions as a precision enable for the step-
down switching converter connected to VOUT0. As the
VOUT1-3 LDO inputs are tied to VOUT0, the RUN pin will
also implicitly enable or disable these LDOs as well, unless
some external power source is tied to VOUT0. Refer to the
ApplicationsInformationsectionShortedInputProtection
if VOUT0 is forced above VIN0. When the voltage at the RUN
pin is lower than 1.55V, switching is terminated. Below the
turn-on threshold, the RUN pin sinks 5.5μA. This current
can be used with a resistor between RUN and VIN0 to set
hysteresis.PleaserefertotheUVLOandShutdownsection
in the Applications Information for further details. During
start-up, the SS pin is held low until the part is enabled,
after which the capacitor at the soft-start pin is charged
with an 11μA current source.
The LTM8001 is equipped with thermal shutdown circuitry
to protect the device during momentary overload condi-
tions. It is set above the 125°C absolute maximum internal
temperature rating to avoid interfering with normal speci-
fied operation, so internal device temperatures will exceed
the absolute maximum rating when the overtemperature
protection is active. Thus, continuous or repeated activa-
tion of the thermal shutdown may impair device reliability.
During thermal shutdown, all switching is terminated and
the SS pin is driven low.
The switching frequency is determined by a resistor at
the RT pin. The LTM8001 may also be synchronized to an
external clock through the use of the SYNC pin. Please
see the Switching Frequency Synchronization section in
the Applications Information for further details.
The VOUT1-5 linear regulators are easy to use and have
all the protection features expected in high performance
regulators. Included are short-circuit protection and safe
operating area protection, as well as thermal shutdown.
These linear regulators are especially well suited to ap-
plications needing multiple rails. Their architecture allows
their outputs to be adjusted down to zero volts. The output
voltage is set by a single resistor, handling modern low
voltage digital ICs as well as allowing easy parallel opera-
tion and simplified thermal management.
The linear regulators can be operated in two modes. One
mode has the BIAS123 and BIAS45 pins connected to the
linear regulator power input pins (VOUT0 and VIN45) which
givesalimitationofabout1.6Vdropout.Intheothermode,
the BIAS123 and BIAS45 pins can be tied to a voltage at
least1.6Vabovetheirhighestrespectiveoutputs.Thelinear
regulator power input (VOUT0 and VOUT45) can then be set
to a lower voltage that meets the dropout requirement,
minimizing the power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com