Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4613 Datasheet(PDF) 12 Page - Linear Technology

Part # LTM4613
Description  de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology LTM4613 Datasheet HTML 10Page - Linear Technology LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTM8001
12
8001f
For more information www.linear.com/8001
APPLICATIONS INFORMATION
For most applications, the design process is straight
forward, summarized as follows:
1. Look at Table 1 and find the row that has the desired
input range and VOUT0 output voltage.
2. Apply the recommended CIN0, COUT0, RFB0 and RT val-
ues. Note that ceramic and electrolytic capacitors are
recommended. These are intended to work in concert
to optimize performance and solution size; apply both
capacitors.
3. Apply the set resistors for the VOUT1, VOUT2, VOUT3,
VOUT4 and VOUT5 regulators. To set the voltage of each
linear regulator, use the equation
RSETX =
VOUTX
10µA
where the value of RSET is in Ohms. Note that there is
no minimum positive output voltage for the regulator,
but a minimum load current is required to maintain
regulation regardless of output voltage, (please see
Electrical Characteristics table). For true zero voltage
output operation, this minimum load current must be
returned to a negative supply voltage. If paralleling the
linear regulators, set the output of each regulator to
the same voltage by tying the SETx pins together and
applying a single resistor. The value of the single set
resistor is given by the equation:
RSET =
VOUT
10µA •n
where n is the number of regulators paralleled.
4. ApplytheoutputcapacitorsfortheVOUT1,VOUT2,VOUT3,
VOUT4andVOUT5regulators.Aminimumoutputcapaci-
torof2.2μFwithanESRof0.5Ωorlessisrecommended
to prevent oscillations.
Whilethesecomponentcombinationshavebeentestedfor
proper operation, it is incumbent upon the user to verify
proper operation over the intended system’s line, load and
environmental conditions. Bear in mind that the maximum
output current is limited by junction temperature, the rela-
tionship between the input and output voltage magnitude
and other factors. Please refer to the graphs in the Typical
Performance Characteristics section for guidance.
The maximum frequency (and attendant RT value) at
which the LTM8001 should be allowed to switch is given
in Table 1 in the fMAX column, while the recommended
frequency (and RT value) for optimal efficiency over the
given input condition is given in the fOPTIMAL column.
There are additional conditions that must be satisfied if
the synchronization function is used. Please refer to the
Switching Frequency Synchronization section for details.
Capacitor Selection Considerations
The CIN and COUT capacitor values in Table 1 are the
minimum recommended values for the associated oper-
ating conditions. Applying capacitor values below those
indicated in Table 1 is not recommended, and may result
in undesirable operation. Using larger values is generally
acceptable, and can yield improved dynamic response, if
necessary. Again, it is incumbent upon the user to verify
proper operation over the intended system’s line, load and
environmental conditions.
Ceramiccapacitorsaresmall,robustandhaveverylowESR.
However, not all ceramic capacitors are suitable. X5R and
X7Rtypesarestableovertemperature,appliedvoltageand
give dependable service. Other types, including Y5V and
Z5U have very large temperature and voltage coefficients
of capacitance. In an application circuit they may have
only a small fraction of their nominal capacitance result-
ing in much higher output voltage ripple than expected.
Many of the output capacitances given in Table 1 specify
an electrolytic capacitor. Ceramic capacitors may also be
used in the application, but it may be necessary to use
more of them. Many high value ceramic capacitors have a
large voltage coefficient, so the actual capacitance of the
component at the desired operating voltage may be only
a fraction of the specified value. Also, the very low ESR of
ceramic capacitors may necessitate additional capacitors
for acceptable stability margin.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LTM8001. A
ceramic input capacitor combined with trace or cable
inductance forms a high Q (under damped) tank circuit.
If the LTM8001 circuit is plugged into a live supply, the
input voltage can ring to twice its nominal value, possi-
bly exceeding the device’s rating. This situation is easily
avoided; see the Hot Plugging Safely section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com