Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4613 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4613
Description  de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 1 Page - Linear Technology

  LTM4613 Datasheet HTML 1Page - Linear Technology LTM4613 Datasheet HTML 2Page - Linear Technology LTM4613 Datasheet HTML 3Page - Linear Technology LTM4613 Datasheet HTML 4Page - Linear Technology LTM4613 Datasheet HTML 5Page - Linear Technology LTM4613 Datasheet HTML 6Page - Linear Technology LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTM8001
1
8001f
For more information www.linear.com/8001
TYPICAL APPLICATION
FEATURES
DESCRIPTION
36VIN, 5A µModule
Regulator with 5-Output
Configurable LDO Array
The LTM®8001 is a 36VIN, 5A step-down μModule® regu-
lator with a 5-output configurable LDO array. Operating
over an input voltage range of 6V to 36V, the LTM8001
buck regulator supports an output voltage range of 1.2V
to 24V. Following the buck regulator is an array of five
1.1A linear regulators whose outputs may be connected
in parallel to accommodate a wide variety of load combi-
nations. Three of these LDOs are tied to the output of the
buck regulator, while the other two are tied together to an
undedicated input.
The low profile package (3.42mm) enables utilization of
unused space on the bottom of PC boards for high density
point of load regulation. The LTM8001 is packaged in a
thermally enhanced, compact (15mm
× 15mm) and low
profile (3.42mm) overmolded ball grid array (BGA) pack-
age suitable for automated assembly by standard surface
mount equipment. The LTM8001 is RoHS compliant.
APPLICATIONS
n
Complete Step-Down Switch Mode Power Supply
with Configurable Array of Five LDOs
n
Step-Down Switching Power Supply
– Adjustable 10% Accurate Output Current Limit
–Constant-Current, Constant-Voltage Operation
– Wide Input Voltage Range: 6V to 36V
– 1.2V to 24V Output Voltage
n
Configurable Output LDO Array
– Five 1.1A Parallelable Outputs
– Outputs Adjustable from 0V to 24V
– Low Output Noise: 90μVRMS (10Hz to 1MHz)
n
15mm
× 15mm × 3.42mm Surface Mount
BGA Package
n
FPGA, DSP, ASIC and Microprocessor Supplies
n
Servers and Storage Devices
n
RF Transceivers
L
, LT, LTC, LTM, µModule, Linear Technology and the Linear logo are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 7199560, 7321203.
5A Output DC/DC µModule Converter
118k
350kHz
VOUT5
SET5
LDO 5
FBO
STEP-DOWN
SWITCHING
REGULATOR
VOUT4
SET4
LDO 4
VOUT3
SET3
BIAS123
BIAS45
COMP
SS
VREF
ILIM
SYNC
LDO 3
19.6k
RT
GND
10µF
VIN45
510k
3.3V
VOUT2
SET2
LDO 2
VOUT1
SET1
1.2V
1A
1.1V
1.5A
0.9V
1.5A
1.8V
1A
VIN0
RUN
VIN
6V TO 36V
VOUT0
LTM8001
LDO 1
45.3k
4.7µF
4.7µF
2.2µF
54.9k
121k
470µF
8001 TA01
100µF
+


Similar Part No. - LTM4613

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4613 LINER-LTM4613 Datasheet
525Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4613 LINER-LTM4613 Datasheet
347Kb / 20P
3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTM4613 LINER-LTM4613 Datasheet
357Kb / 28P
36VIN, 5A, 2-Quadrant CVCC Step-Down
LTM4613 LINER-LTM4613 Datasheet
2Mb / 36P
Dual 13A or Single 26A DC/DC 關Module Regulator
LTM4613 LINER-LTM4613 Datasheet
327Kb / 22P
Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
More results

Similar Description - LTM4613

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
logo
Linear Technology
LTM4644 LINER-LTM4644_15 Datasheet
527Kb / 32P
Quad DC/DC Module Regulator with Configurable 4A Output Array
LTM8001 LINER-LTM8001_15 Datasheet
432Kb / 28P
36VIN, 5A Module Regulator with 5-Output Configurable LDO Array
LTM4643EV LINER-LTM4643EV Datasheet
954Kb / 8P
Quad DC/DC 關Module Regulator with Configurable 3A Output Array
LTM4643 LINER-LTM4643 Datasheet
567Kb / 32P
Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
LTM4644 LINER-LTM4644 Datasheet
977Kb / 36P
Quad DC/DC 關Module Regulator with Configurable 4A Output Array
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
LTM4671 AD-LTM4671 Datasheet
1Mb / 36P
Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
01/20-REV.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com