Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4613 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4613
Description  de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 4 Page - Linear Technology

  LTM4613 Datasheet HTML 1Page - Linear Technology LTM4613 Datasheet HTML 2Page - Linear Technology LTM4613 Datasheet HTML 3Page - Linear Technology LTM4613 Datasheet HTML 4Page - Linear Technology LTM4613 Datasheet HTML 5Page - Linear Technology LTM4613 Datasheet HTML 6Page - Linear Technology LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTM8001
4
8001f
For more information www.linear.com/8001
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Output Current,
VOUT0 = 2.5V
Efficiency vs Output Current,
VOUT0 = 3.3V
Efficiency vs Output Current,
VOUT0 = 5V
(TA = 25°C unless otherwise noted. Configured per Table 1, where applicable.)
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. RUN = 3V unless otherwise noted (Note 3).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum VOUT0 to VOUT1-3 and VIN45 to
VOUT4-5 Differential Voltage (Note 5)
IOUT1-5 = 750mA
IOUT1-5 = 310mA
IOUT1-5 = 125mA
10
15
22
V
V
V
BIAS123, BIAS45 Pin Current
IOUT1-5 = 100mA
IOUT1-5 = 1.1A
l
6
30
mA
mA
VOUT1-5 Current Limit (Note 5)
VOUT1-5 = 0V
1.3
A
VOUT1-5 RMS Output Noise
VOUT1-5 = 1V, IOUT1-5 = 1A, 100Hz to 1MHz
90
µVRMS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: This μModule regulator includes overtemperature protection that
is intended to protect the device during momentary overload conditions.
Junction temperature will exceed 125°C when overtemperature protection
is active. Continuous operation above the specified maximum operating
junction temperature may impair device reliability.
Note 3: The LTM8001E is guaranteed to meet performance specifications
from 0°C to 125°C internal. Specifications over the full –40°C to
125°C internal operating temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTM8001I is guaranteed to meet specifications over the full
–40°C to 125°C internal operating temperature range. Note that the
maximum internal temperature is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
resistance and other environmental factors.
Note 4: No minimum load is required if the respective linear regulator is
off, such as when VOUT0 = 0V, VIN45 = 0V, BIAS123 = 0V or BIAS45 = 0V.
Note 5: The current limit may decrease to zero at input-to-output
differential voltages greater than 22V. Operation at voltages for VOUT0,
VIN45, BIAS123 and BIAS45 is allowed up to a maximum of 36V as long
as the difference between the linear regulator input and output voltage
is below the specified differential voltage. Line and load regulation
specifications are not applicable when the device is in current limit.
VOUT0 CURRENT (A)
0
80
85
90
4
8001 G01
75
70
1
2
3
5
65
60
55
VINO = 12V
VINO = 24V
VINO = 36V
VOUT0 CURRENT (A)
0
80
85
95
90
4
8001 G02
75
70
1
2
3
5
65
60
VINO = 12V
VINO = 24V
VINO = 36V
VOUT0 CURRENT (A)
0
90
95
100
4
8001 G03
85
80
1
2
3
5
75
70
65
VINO = 12V
VINO = 24V
VINO = 36V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com