Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6907 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6907
Description  TimerBlox: Long Timer, Low Frequency Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6907 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6907 Datasheet HTML 3Page - Linear Technology LTC6907 Datasheet HTML 4Page - Linear Technology LTC6907 Datasheet HTML 5Page - Linear Technology LTC6907 Datasheet HTML 6Page - Linear Technology LTC6907 Datasheet HTML 7Page - Linear Technology LTC6907 Datasheet HTML 8Page - Linear Technology LTC6907 Datasheet HTML 9Page - Linear Technology LTC6907 Datasheet HTML 10Page - Linear Technology LTC6907 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC6995-1/LTC6995-2
7
699512f
For more information www.linear.com/6995
Output Resistance
vs Supply Current
Typical LTC6995-1 Start-Up with
POL = 1
Typical perForMance characTerisTics
V+ = 3.3V, RSET = 200k, TA = 25°C unless otherwise noted.
SUPPLY VOLTAGE (V)
699512 G19
50
25
20
35
45
5
10
15
30
40
0
2
4
3
5
6
OUTPUT SOURCING CURRENT
OUTPUT SINKING CURRENT
V+
5V/DIV
OUT
5V/DIV
RST
5V/DIV
5ms/DIV
V+ = 5V
DIVCODE = 15
RSET = 499k
699512 G20
4ms START-UP
OUTPUT RESET
RESET RELEASED,
100Hz OUTPUT CLOCK
pin FuncTions (DCB/S6)
V+ (Pin 1/Pin 5): Supply Voltage (2.25V to 5.5V). This sup-
ply should be kept free from noise and ripple. It should be
bypassed directly to the GND pin with a 0.1µF capacitor.
DIV (Pin 2/Pin 4): Programmable Divider and Polarity
Input. An internal A/D converter (referenced to V+) moni-
tors the DIV pin voltage (VDIV) to determine a 4-bit result
(DIVCODE). VDIV may be generated by a resistor divider
between V+ and GND. Use 1% resistors to ensure an ac-
curate result. The DIV pin and resistors should be shielded
from the OUT pin or any other traces that have fast edges.
Limit the capacitance on the DIV pin to less than 100pF
so that VDIV settles quickly. The MSB of DIVCODE (POL)
determines the polarity of the OUT pin.
SET (Pin 3/Pin 3): Frequency-Setting Input. The voltage
on the SET pin (VSET) is regulated to 1V above GND. The
amount of current sourced from the SET pin (ISET) pro-
grams the master oscillator frequency. The ISET current
range is 1.25µA to 20µA. The output oscillation will stop
if ISET drops below approximately 500nA. A resistor con-
nected between SET and GND is the most accurate way to
set the frequency. For best performance, use a precision
metal or thin film resistor of 0.5% or better tolerance and
50ppm/°C or better temperature coefficient. For lower ac-
curacy applications an inexpensive 1% thick film resistor
may be used.
Limit the capacitance on the SET pin to less than 10pF
to minimize jitter and ensure stability. Capacitance less
than 100pF maintains the stability of the feedback circuit
regulating the VSET voltage.
699512 PF
LTC6995-1/
LTC6995-2
RST
GND
SET
OUT
V+
DIV
C1
0.1µF
RSET
R2
R1
V+
RST or RST (Pin 4/Pin 1): Output Reset. The reset input
is used to stop the output oscillator and to clear internal
dividers. When reset is released the oscillator starts with
a full half period time interval. The output logic state when
reset is determined by the programmed DIVCODE. The
LTC6995-1 has an active high RST input. The LTC6995-2
has an active low RST input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com