Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6907 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6907
Description  TimerBlox: Long Timer, Low Frequency Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6907 Datasheet(HTML) 5 Page - Linear Technology

  LTC6907 Datasheet HTML 1Page - Linear Technology LTC6907 Datasheet HTML 2Page - Linear Technology LTC6907 Datasheet HTML 3Page - Linear Technology LTC6907 Datasheet HTML 4Page - Linear Technology LTC6907 Datasheet HTML 5Page - Linear Technology LTC6907 Datasheet HTML 6Page - Linear Technology LTC6907 Datasheet HTML 7Page - Linear Technology LTC6907 Datasheet HTML 8Page - Linear Technology LTC6907 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC6995-1/LTC6995-2
5
699512f
For more information www.linear.com/6995
Typical perForMance characTerisTics
Frequency Error vs RSET
Frequency Drift vs Supply Voltage
Typical VSET Distribution
VSET Drift vs ISET
VSET Drift vs Supply
VSET vs Temperature
Frequency Error vs Temperature
Frequency Error vs Temperature
Frequency Error vs Temperature
V+ = 3.3V, RSET = 200k, TA = 25°C unless otherwise noted.
VSET (V)
0.98
0
100
50
150
200
250
0.996
1.004
1.012
1.02
0.988
699512 G06
2 LOTS
DFN AND SOT-23
1274 UNITS
ISET (µA)
0
–1.0
0
0.4
0.2
0.6
0.8
1.0
10
15
20
–0.4
–0.2
–0.6
–0.8
5
699512 G07
REFERENCED TO ISET = 10µA
SUPPLY (V)
2
–1.0
0
0.4
0.2
0.6
0.8
1.0
4
5
6
–0.4
–0.2
–0.6
–0.8
3
699512 G08
REFERENCED TO V+ = 4V
TEMPERATURE (°C)
–50
0.980
1.000
1.010
1.005
1.015
1.020
0
25
50
100 125
0.995
0.990
0.985
–25
75
699512 G09
3 PARTS
TEMPERATURE (°C)
–50
1
2
3
25
75
699512 G01
0
–1
–25
0
50
100
125
–2
–3
GUARANTEED MAX OVER TEMPERATURE
GUARANTEED MIN OVER TEMPERATURE
RSET = 50k
3 PARTS
TEMPERATURE (°C)
–50
1
2
3
25
75
699512 G02
0
–1
–25
0
50
100
125
–2
–3
GUARANTEED MAX OVER TEMPERATURE
GUARANTEED MIN OVER TEMPERATURE
RSET = 200k
3 PARTS
TEMPERATURE (°C)
–50
1
2
3
25
75
699512 G03
0
–1
–25
0
50
100
125
–2
–3
GUARANTEED MAX OVER TEMPERATURE
GUARANTEED MIN OVER TEMPERATURE
RSET = 800k
3 PARTS
RSET (k)
0
–3
–2
–1
0
1
2
3
3 PARTS
200
400
600
800
699512 G04
GUARANTEED MAX OVER TEMPERATURE
GUARANTEED MIN OVER TEMPERATURE
SUPPLY VOLTAGE (V)
2
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
3
4
699512 G05
–0.3
0.3
0.4
0.1
5
6
REFERENCED TO V+ = 4.5V
RSET = 50k
RSET = 200k
RSET = 800k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com