Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6907 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC6907
Description  TimerBlox: Long Timer, Low Frequency Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6907 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC6907 Datasheet HTML 19Page - Linear Technology LTC6907 Datasheet HTML 20Page - Linear Technology LTC6907 Datasheet HTML 21Page - Linear Technology LTC6907 Datasheet HTML 22Page - Linear Technology LTC6907 Datasheet HTML 23Page - Linear Technology LTC6907 Datasheet HTML 24Page - Linear Technology LTC6907 Datasheet HTML 25Page - Linear Technology LTC6907 Datasheet HTML 26Page - Linear Technology LTC6907 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTC6995-1/LTC6995-2
23
699512f
For more information www.linear.com/6995
Typical applicaTions
Timed Power Switches, Auto Shutoff After One Hour
LTC6995-1
ACTIVE HIGH RESET
1/2 tOUT = 1 HOUR
RST
GND
SET
OUT
V+
DIV
RSET
169k
100k
R2
887k
R1
1M
0.1µF
5V
5V
PUSH TO ACTIVATE
LOW = ON
HIGH = OFF
699512 TA08
VIN
GND
CTL
SENSE
GATE
STAT
LTC4412HV
P-CHANNEL
MOSFET
3V TO 36V
2.6V TO 5.5V
COUT
*
TO LOAD
CURRENT DEPENDS
ON PMOS SELECTION
*DRAIN-SOURCE DIODE OF MOSFET
0.1µF
IN
GND
CTL
OUT
STAT
LTC4411
TO LOAD
UP TO 2.6A
COUT
4.7µF
1µF
5 Second On/Off Timed Relay Driver
R1
1M
R4
15k
RUN
RESET
D1
1N4148
12V
NO
COTO 1022 RELAY
9001-12-01
L
C2
0.1µF
0.1µF
Q1
2N2219A
R2
392k
699512 TA02
R3
118k
5V
RELAY ENABLE
C
1
LTC6995-1
RST
GND
SET
OUT
V+
DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com